Electronic Components Datasheet Search
  English  ▼

X  

49F010 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 49F010
Description  1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

49F010 Datasheet(HTML) 4 Page - ATMEL Corporation

  49F010 Datasheet HTML 1Page - ATMEL Corporation 49F010 Datasheet HTML 2Page - ATMEL Corporation 49F010 Datasheet HTML 3Page - ATMEL Corporation 49F010 Datasheet HTML 4Page - ATMEL Corporation 49F010 Datasheet HTML 5Page - ATMEL Corporation 49F010 Datasheet HTML 6Page - ATMEL Corporation 49F010 Datasheet HTML 7Page - ATMEL Corporation 49F010 Datasheet HTML 8Page - ATMEL Corporation 49F010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program (2)
VIL
VIH
VIL
Ai
DIN
Standby/Write Inhibit
VIH
X
(1)
X
X
High Z
Program Inhibit
X
X
VIH
Program Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
A1 - A16 = VIL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code (4)
A1 - A16 = VIL, A9 = VH,
(3)
A0 = VIH
Device Code (4)
Software (5)
A0 = VIL, A1 - A16 = VIL
Manufacturer Code (4)
A0 = VIH, A1 - A16 = VIL
Device Code (4)
4. Manufacturer Code: 1FH, Device Code: 17H
5. See details under Software Product Identification Entry/Exit.
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V
± 0.5V.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
Com.
100
µA
Ind.
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
3mA
ICC (1)
VCC Active Current
f = 5 MHz; IOUT = 0 mA
Com.
30
mA
Ind.
40
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.45
V
VOH1
Output High Voltage
IOH = -400
µA2.4
V
VOH2
Output High Voltage CMOS
IOH = -100
µA; VCC = 4.5V
4.2
V
Note:
1. In the erase mode, ICC is 90 mA.
DC and AC Operating Range
AT49HF010-45 AT49HF010-55
AT49F010-70
AT49F010-90
AT49F010-12
Operating
Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
4
AT49F010/HF010



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com