Electronic Components Datasheet Search
  English  ▼

X  

015035 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 015035
Description  Industrial Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

015035 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  015035 Datasheet HTML 1Page - List of Unclassifed Manufacturers 015035 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
congatec AG, Auwiesenstraße 5, 94469 Deggendorf, Germany
Phone +49 (991) 2700-0, Fax +49 (991) 2700-111, info@congatec.com
w w w.congatec.com
Block Diagram conga-QA6
Order Information conga-QA6
Intel® Platform
Controller Hub
EG20/EG20T
Intel® Atom™
processor
E6xx/E6xxT Series
RTC
BC SPI
GPIOs
Fan
Control
PCIe Port 0
Memory Bus
(533MHz or 800MHz)
Onboard DDR2
Maximum 2GB
Micrel®
Gbit Ethernet
Phy KSZ9021RN(I)
SSD NandDrive
(optional)
Uses SATA 1
Board Controller
STM32F100R8T6b
Watchdog
BIOS
(Flash)
SATA1
Hardware Monitoring
and
Fan Control Circuitry
OR
Engineering Tools / Accessories for Qseven
conga-QEVAL
007001
Evaluation platform for Qseven
conga-QKIT
077455
Starterkit for Qseven including conga-QEVAL, conga-LDVI/EPI, conga-FPA1, Dual DVI-D ADD2 Card, ATX power supply...
Qseven Mobility Kit
077460
Complete ready-to-use starter-kit for mobile applications
conga-Mini Carrier Board
020710
Qseven mini carrier board for mobile applications.
conga-Mini Carrier cable kit
400015
Cable Kit for Qseven mini carrier board. Consisting of: 4x USB adapter cable, 1x LVDS display cable, 1x Feature connector cable, 1x HDMI to DVI adapter cable.
Qseven MXM carrier board connector
400012
Socket for Qseven Carrier Boards, Foxconn PN:AS0B321-S78N-7F, standard type, SMT, lead free, 230 positions, 0.50mm pitch, 7.8mm height. 1pcs
conga-LDVI/EPI
011115
LVDS to DVI converter board for digital flat panels with onboard EEPROM
Single DVI-D ADD2 Card
058500
ADD2 display adapter card with single DVI-D digital output. Suitable for all Intel based platforms that support Serial Digital Display Outputs (SDVO) on the standard x16 PCI Express Graphics (PEG) port.
Article
PN
Description
conga-QA6-HSP-B
015060
Heatspreader, Standoff with 2.7mm bore hole
conga-QA6-HSP-T
015061
Heatspreader, Standoff with 2.5mm threat
conga-QA6-CSP-B
015062
Standard passive cooling solution, surface orange anodized with 1.8mm fins,
bore hole bracket, threaded standoffs.
Article
PN
Description
conga-QA6/E680T-1G
015038
Intel® Atom™ E680T processor with 1.6GHz, 512kB L2 cache. Industrial grade
temperature range from -40°C to 85°C
conga-QA6/E660T-1G
015035
Intel® Atom™ E660T processor with 1.3GHz, 512kB L2 cache. Industrial grade
temperature range from -40°C to 85°C
conga-QA6/E640T-1G
015036
Intel® Atom™ E640T processor with 1.0GHz, 512kB L2 cache. Industrial grade
temperature range from -40°C to 85°C
conga-QA6/E620T-1G
015037
Intel® Atom™ E620T processor with 600MHz, 512kB L2 cache. Industrial grade
temperature range from -40°C to 85°C
conga-QA6/E680-1G
015033
Intel® Atom™ E680 processor with 1.6GHz, 512kB L2 cache
conga-QA6/E660-1G
015030
Intel® Atom™ E660 processor with 1.3GHz, 512kB L2 cache
conga-QA6/E640-1G
015031
Intel® Atom™ E640 processor with 1.0GHz, 512kB L2 cache
conga-QA6/E620-1G
015032
Intel® Atom™ E620 processor with 600MHz, 512kB L2 cache



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com