Electronic Components Datasheet Search
  English  ▼

X  

35284 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 35284
Description  Blue Dissipative Bottles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

35284 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  35284 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2012 DESCO INDUSTRIES INC.
Employee Owned
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453 • FAX: (909) 755-8848
WEBSITE: MendaPump.com
DATE:
March
2012
DRAWING NUMBER
35282
durAstatic™ Blue Dissipative Bottles
Specifications and procedures subject to change without notice.
One-Touch Pump
Unless otherwise noted, tolerance ± 10%
Description
•
HDPE durAstatic™ Bottles are dissipative and are designed to
protect your valuable static sensitive printed circuitry
•
No migratory additives - reduces the chance for contamination from the bottle
•
Embossed with ESD protective symbol, allowing people to immediately know
the bottle is ESD protective
•
Long lasting dissipative properties:
Rtt: 10E4 to <1 x 10E11 ohms tested per ANSI/ESD STM11.12
<2 second charge decay, tested per IEC 61340-5-1:1998
•
Dispenses approximately 2cc of liquid with each pump
•
Genuine Menda “dish-type” liquid dispenser pumps and bottle one-handed
operation dispensing small amount of liquid into top dish
• Genuine Made in the United States of America Menda pump and bottle - accept
no substitutes
“It should be understood that any object, item, material or person could be a source of
static electricity in the work environment. Removal of unnecessary nonconductors, replacing
nonconductive materials with dissipative or conductive materials and grounding all conductors
are the principle methods of controlling static electricity in the workplace, regardless of the
activity.” (ESD Handbook ESD TR20.20 section 2.4 Sources of Static Electricity)
Item
Description
Height*
35282
4 oz. (120mL) Bottle, One-Touch Pump
3.2" (81.3 mm)
35283
6 oz. (180mL) Bottle, One-Touch Pump
4.2" (106.7 mm)
35284
8 oz. (240mL) Bottle, One-Touch Pump
5" (127 mm)
35285
6 oz. (180mL) Bottle, Pure-Touch Pump
4.2" (106.7 mm)
35286
6 oz. (180mL) Bottle, Pure-Take Pump
4.2" (106.7 mm)
35287
6 oz. (180mL) Bottle, Take-Along Pump
4.2" (106.7 mm)
35288
8 oz. (240mL) Acetone Printed Bottle, One-Touch Pump 5" (127 mm)
35289
8 oz. (240mL) IPA Printed Bottle, One-Touch Pump
5" (127 mm)
Pure-Take Pump
Pure-Touch Pump
Made in the
United States of America
6 oz. bottles include
measurements on one side
to see how much fluid is
left in the container
35284
Note: Printed bottles
eliminate the need for
additional labels - custom
printing available.
*NOTE: Heights include the bottle with the dispenser


Similar Part No. - 35284

ManufacturerPart #DatasheetDescription
logo
MENDA
35284 MENDA-35284 Datasheet
531Kb / 1P
durAstatic® Blue Dissipative Bottles
July2020
logo
Molex Electronics Ltd.
35284-0610 MOLEX4-35284-0610 Datasheet
145Kb / 3P
2.28mm (.090") Tab Wire-to-Wire Uniconn Housing, Female, 6 Circuits
35284-0617 MOLEX4-35284-0617 Datasheet
145Kb / 3P
2.28mm (.090") Tab Wire-to-Wire Uniconn Housing, Female, 6 Circuits, Brown
35284-0810 MOLEX4-35284-0810 Datasheet
103Kb / 2P
2.28mm (.090") Tab Wire-to-Wire Uniconn Housing, Female, 8 Circuits
35284-1210 MOLEX4-35284-1210 Datasheet
111Kb / 2P
2.28mm (.090") Tab Wire-to-Wire Uniconn Housing, Female, 12 Circuits
More results

Similar Description - 35284

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8300 3M-8300 Datasheet
807Kb / 16P
Static Dissipative Rigid Worksurface 8300 Series
Feb-2006
logo
List of Unclassifed Man...
07405 ETC2-07405 Datasheet
227Kb / 1P
3 Ring Dissipative Binders without Pockets
16251 ETC2-16251 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
47511 ETC2-47511 Datasheet
67Kb / 1P
Dissipative Card Holder, With ESD Susceptibility Symbol
49109 ETC2-49109 Datasheet
35Kb / 1P
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com