Electronic Components Datasheet Search
  English  ▼

X  

AT89C52 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89C52
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C52 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89C52 Datasheet HTML 14Page - ATMEL Corporation AT89C52 Datasheet HTML 15Page - ATMEL Corporation AT89C52 Datasheet HTML 16Page - ATMEL Corporation AT89C52 Datasheet HTML 17Page - ATMEL Corporation AT89C52 Datasheet HTML 18Page - ATMEL Corporation AT89C52 Datasheet HTML 19Page - ATMEL Corporation AT89C52 Datasheet HTML 20Page - ATMEL Corporation AT89C52 Datasheet HTML 21Page - ATMEL Corporation AT89C52 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
AT89C52
4-82
Ordering Information
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
24
5V
± 20%
AT89C52-24AC
AT89C52-24JC
AT89C52-24PC
AT89C52-24QC
44A
44J
40P6
44Q
Commercial
(0
°C to 70°C)
AT89C52-24AI
AT89C52-24JI
AT89C52-24PI
AT89C52-24QI
44A
44J
40P6
44Q
Industrial
(-40
°C to 85°C)
Package Type
44A
44 Lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44 Lead, Plastic J-Leaded Chip Carrier (PLCC)
40P6
40 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
44Q
44 Lead, Plastic Gull Wing Quad Flatpack (PQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com