Electronic Components Datasheet Search
  English  ▼

X  

AT89C55 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C55
Description  8-Bit Microcontroller with 20K Bytes Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C55 Datasheet HTML 9Page - ATMEL Corporation AT89C55 Datasheet HTML 10Page - ATMEL Corporation AT89C55 Datasheet HTML 11Page - ATMEL Corporation AT89C55 Datasheet HTML 12Page - ATMEL Corporation AT89C55 Datasheet HTML 13Page - ATMEL Corporation AT89C55 Datasheet HTML 14Page - ATMEL Corporation AT89C55 Datasheet HTML 15Page - ATMEL Corporation AT89C55 Datasheet HTML 16Page - ATMEL Corporation AT89C55 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AT89C55
4-181
Power Down Mode
In the power down mode, the oscillator is stopped, and the
instruction that invokes power down is the last instruction
executed. The on-chip RAM and Special Function Regis-
ters retain their values until the power down mode is termi-
nated. The only exit from power down is a hardware reset.
Reset redefines the SFRs but does not change the on-chip
RAM. The reset should not be activated before VCC is
restored to its normal operating level and must be held
active long enough to allow the oscillator to restart and sta-
bilize.
Program Memory Lock Bits
The AT89C55 has three lock bits that can be left unpro-
grammed (U) or can be programmed (P) to obtain the addi-
tional features listed in the following table.
When lock bit 1 is programmed, the logic level at the EA pin
is sampled and latched during reset. If the device is pow-
ered up without a reset, the latch initializes to a random
value and holds that value until reset is activated. The
latched value of EA must agree with the current logic level
at that pin in order for the device to function properly.
Lock Bit Protection Modes
Programming the Flash
The AT89C55 is normally shipped with the on-chip Flash
memory array in the erased state (that is, contents = FFH)
and ready to be programmed. The programming interface
accepts either a high-voltage (12-volt) or a low-voltage
(VCC) program enable signal. The low voltage programming
mode provides a convenient way to program the AT89C55
inside the user’s system, while the high-voltage program-
ming mode is compatible with conventional third party
Flash or EPROM programmers.
The AT89C55 is shipped with either the high-voltage or
low-voltage programming mode enabled. The respective
top-side marking and device signature codes are listed in
following table.
The AT89C55 code memory array is programmed byte-by-
byte in either programming mode.
To program any non-
blank byte in the on-chip Flash Memory, the entire memory
must be erased using the Chip Erase Mode.
Programming Algorithm: Before programming the
AT89C55, the address, data and control signals should be
set up according to the Flash programming mode table and
Figures 9 and 10. To program the AT89C55, take the fol-
lowing steps:
1.
Input the desired memory location on the address lines.
2.
Input the appropriate data byte on the data lines.
3.
Activate the correct combination of control signals.
4.
Raise EA/VPP to 12V for the high-voltage programming
mode.
5.
Pulse ALE/PROG once to program a byte in the Flash
array or the lock bits. The byte-write cycle is self-timed
and typically takes no more than 1.5 ms. Repeat steps
1 through 5, changing the address and data for the
entire array or until the end of the object file is reached.
Program Lock Bits
LB1
LB2
LB3
Protection Type
1
U
U
U
No program lock features.
2P
U
U
MOVC instructions executed from external program memory are disabled from fetching code bytes
from internal memory, EA is sampled and latched on reset, and further programming of the Flash
memory is disabled.
3
P
P
U
Same as mode 2, but verify is also disabled.
4
P
P
P
Same as mode 3, but external execution is also disabled.
VPP = 12V
VPP = 5V
Top-Side Mark
AT89C55
AT89C55
xxxx
xxxx-5
yyww
yyww
Signature
(030H) = 1EH
(030H) = 1EH
(031H) = 55H
(031H) = 55H
(032H) = FFH
(032H) = 05H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com