Electronic Components Datasheet Search
  English  ▼

X  

AT402S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT402S
Description  Wide Selection of Panel Seal Boots
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT402S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT402S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
www.nkkswitches.com
480.991.0942
Industrial & IP Rated Switches
AT401
M12
Bushing
AT402
M12
Bushing
AT402S
M12
Bushing
AT428
M6 or
1/4-40
Thd
AT4041,
AT4042
M6 or
1/4-40
Thd
AT4043
M12
Bushing
AT4181
M12
Bushing
M Toggles with 10.5mm bat actuator and 6mm or 1/4-40 bushing
•
M Toggles with 11.5mm bat actuator and 12mm “B1” bushing
•
M Toggles with 17.5mm bat actuator and 12mm “B1” bushing
•
•
•
MB2000 Pushbuttons with 6mm or 1/4-40 bushing and “S” plunger
•
MB2000 Pushbuttons with 12mm “B1” bushing
•
P Toggles with 17.5mm bat actuator and 12mm bushing
•
•
•
S114; S116; S1A~S7A; S1F~S7F; S21A; S21F Toggles
•
•
•
S1AW~S9AW; S21AW; S25AW~S29AW Toggles
•
•
S31~S39; S31F~S33F; S31T~S33T; S41~S49; S41F~S43F;
S41T~S43T Toggles
•
•
•
S301~S309; S301F; S301T~S309T; S331~S339; S331T~S339T;
S331F~S335F; S421~S429; S421T~S429T Toggles
•
•
•
S821~S823; S831~S833 Toggles
•
SB61A; SB61B; SB221NC; SB221NO Pushbuttons
•
WB Pushbuttons all models
•
WT Toggles all models
•
•
Applicable Switch Series
for Panel Seal Boots
Wide Selection of Panel Seal Boots
NKK offers a variety of boots to seal switches to achieve IP65 rating of IEC 60529 at the front panel. These boots are
compatible with many of NKK’s toggle and pushbutton switches.
PN
AT401
Half Boot
AT402, AT402S
Full Boots
AT428
Full Boot
AT4041, AT4042
Full Boots
AT4043
Full Boot
AT4181
Full Boot
Material
AT401A: Nitrile
butadiene rubber
AT401H: Ethylene
propylene rubber
AT401S: Silicone
rubber
Silicone rubber
Silicone rubber
Silicone rubber
Silicone rubber
Silicone rubber
Color
Black for AT401A
Gray for AT401H
Black for AT401S
Black, Red, Yellow,
Green, and Gray
Black
Black
Black
Black
Bushing
12mm
12mm
M6 or 1/4-40 Thd
M6 or 1/4-40 Thd
12mm
12mm
IP Code for Degrees of Protection for Enclosures
The IP code is part of the IEC 60529 (EN 60529) standard specify-
ing the degree of protection by enclosures for low-voltage switch
gear; specifically, concerned with protection of persons against
contact with live or moving parts and the prevention of ingress of
solid foreign bodies and liquid. The IP code is a specification used
internationally and is similar to the NEMA standard.
IP60 Dust tight but not protected against water
IP64 Dust tight and protected against splashing water from any direction
IP65 Dust tight and protected against water jets from any direction
IP67 Dust tight and protected against effects of temporary immersion


Similar Part No. - AT402S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT402S ETC2-AT402S Datasheet
3Mb / 33P
Accessories Hardware
AT402S ETC-AT402S Datasheet
3Mb / 34P
Accessories Hardware
More results

Similar Description - AT402S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-385 BOURNS-H-385 Datasheet
27Kb / 1P
Panel Seal Assembly
logo
Nihon Kaiheiki Industry...
YB215CWCKW01-5C-JB NKK-YB215CWCKW01-5C-JB Datasheet
316Kb / 8P
22mm Panel Seal Pushbuttons
logo
Bourns Electronic Solut...
H385 BOURNS-H385 Datasheet
90Kb / 1P
Panel Seal Assembly
logo
Nihon Kaiheiki Industry...
YB215CWCKW01-6B-JB NKK-YB215CWCKW01-6B-JB Datasheet
3Mb / 11P
Panel Seal Pushbuttons
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
List of Unclassifed Man...
NC3030 ETC2-NC3030 Datasheet
130Kb / 1P
Circuit Breaker Boots Full Pushbutton Boots
logo
Copal Electronics
CL-LB COPAL-CL-LB_16 Datasheet
906Kb / 2P
PANEL SEAL ROCKER SWITCHES
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
Wide selection of termination and mounting styles
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
A wide selection of sizes is available
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com