Electronic Components Datasheet Search
  English  ▼

X  

AT89LS53-12PI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89LS53-12PI
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12PI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89LS53-12PI Datasheet HTML 7Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 8Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 9Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 10Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 11Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 12Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 13Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 14Page - ATMEL Corporation AT89LS53-12PI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AT89LS53
4-259
Figure 2 shows Timer 2 automatically counting up when
DCEN = 0. In this mode, two options are selected by bit
EXEN2 in T2CON. If EXEN2 = 0, Timer 2 counts up to
0FFFFH and then sets the TF2 bit upon overflow. The over-
flow also causes the timer registers to be reloaded with the
16 bit value in RCAP2H and RCAP2L. The values in
RCAP2H and RCAP2L are preset by software. If EXEN2 =
1, a 16 bit reload can be triggered either by an overflow or
by a 1-to-0 transition at external input T2EX. This transition
also sets the EXF2 bit. Both the TF2 and EXF2 bits can
generate an interrupt if enabled.
Setting the DCEN bit enables Timer 2 to count up or down,
as shown in Figure 3. In this mode, the T2EX pin controls
the direction of the count. A logic 1 at T2EX makes Timer 2
count up. The timer will overflow at 0FFFFH and set the
TF2 bit. This overflow also causes the 16 bit value in
RCAP2H and RCAP2L to be reloaded into the timer regis-
ters, TH2 and TL2, respectively.
A logic 0 at T2EX makes Timer 2 count down. The timer
underflows when TH2 and TL2 equal the values stored in
RCAP2H and RCAP2L. The underflow sets the TF2 bit and
causes 0FFFFH to be reloaded into the timer registers.
The EXF2 bit toggles whenever Timer 2 overflows or
underflows and can be used as a 17th bit of resolution. In
this operating mode, EXF2 does not flag an interrupt.
Figure 2. Timer 2 in Auto Reload Mode (DCEN = 0)
Table 9. T2MOD—Timer 2 Mode Control Register
T2MOD Address = 0C9H
Reset Value = XXXX XX00B
Not Bit Addressable
———
———
T2OE
DCEN
Bit
765
432
10
Symbol
Function
—
Not implemented, reserved for future use.
T2OE
Timer 2 Output Enable bit.
DCEN
When set, this bit allows Timer 2 to be configured as an up/down counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com