Electronic Components Datasheet Search
  English  ▼

X  

ESR10 Datasheet(PDF) 2 Page - Rohm

Part # ESR10
Description  Anti-surge Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR10 Datasheet(HTML) 2 Page - Rohm

  ESR10 Datasheet HTML 1Page - Rohm ESR10 Datasheet HTML 2Page - Rohm ESR10 Datasheet HTML 3Page - Rohm ESR10 Datasheet HTML 4Page - Rohm ESR10 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
○
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.C
Data Sheet
ESR Series
Chip Resistor Dimensions and Markings
<Marking method>
There are three or four digits used for the calculation number
according to IEC code and “R”is used for the decimal point.
Part No.
(mm)
L
W
t
a
b
Marking
existence
(Unit : mm)
∗Only with square mark
ESR01
1005
1.0
±0.05
0.5
±0.05
0.35
±0.05
0.2
±0.1
No
∗
ESR03
1608
1.6
±0.1
0.8
±0.1
0.45
±0.1
0.3
±0.2
0.3
±0.2
No
∗
ESR10
2012
2.0
±0.1
1.25
±0.1
0.55
±0.1
0.3
±0.2
Yes
ESR18
3216
3.2
±0.15
1.6
±0.15
0.55
±0.1
0.3
±0.25
0.5
±0.25
Yes
ESR25
3225
(inch)
0402
0603
0805
1206
1210
3.2
±0.15
2.5
±0.15
0.55
±0.1
0.3
±0.25
0.5
±0.25
Yes
0.4
±0.2
0.25 +
0.05
−0.1
Land pattern Example
B
D
A
Land
C
Dimensions
Part No.
A
ESR01
ESR03
ESR10
ESR18
ESR25
0.5
1.0
1.2
2.2
2.2
B
1.3
2.0
2.6
4.0
4.0
C
0.5
0.8
1.15
1.5
2.3
D
0.4
0.5
0.7
0.9
0.9
(Unit : mm)
L
a
b
W
t
L
a
b
W
t
ESR01 / 03
ESR10 / 18 / 25
103



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com