Electronic Components Datasheet Search
  English  ▼

X  

TO-263 Datasheet(PDF) 1 Page - Semtech Corporation

Part # TO-263
Description  3 Amp Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TO-263 Datasheet(HTML) 1 Page - Semtech Corporation

  TO-263 Datasheet HTML 1Page - Semtech Corporation TO-263 Datasheet HTML 2Page - Semtech Corporation TO-263 Datasheet HTML 3Page - Semtech Corporation TO-263 Datasheet HTML 4Page - Semtech Corporation TO-263 Datasheet HTML 5Page - Semtech Corporation TO-263 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.semtech.com
EZ1085
3 Amp Positive Voltage Regulator
POWER MANAGEMENT
Revision: January 25, 2006
The EZ1085 series of high performance positive voltage
regulators are designed for use in applications requiring
low dropout performance at up to 3A. Additionally, the
EZ1085 series provides excellent regulation over
variations in line, load and temperature.
Outstanding features include low dropout performance
at rated current, fast transient response, internal
current limiting and thermal shutdown protection of the
output device.
A variety of options are available for maximum flexibility:
the EZ1085C has both fixed and adjustable voltage
options and is designed for use in commercial applica-
tions and the EZ1085I is adjustable only for industrial
applications.
All devices are available in the popular TO-220 and
TO-263 packages.
Low dropout voltage: 1.3V max. for EZ1085C,
1.4V max. for EZ1085I
Full current rating over line and temperature
Fast transient response
±2% total output regulation over line, load and
temperature
Adjust pin current max 90µA over temperature
Fixed/adjustable output voltage (EZ1085C)
Line regulation typically 0.015%
Load regulation typically 0.05%
Industrial temperature range (EZ1085I)
TO-220 and TO-263 packages. Available in RoHS
compliant package
Printer and plotter supplies
Instrumentation
Medical equipment
Microcontroller systems
Telecommunication systems
Motherboards
Switching supply post regulation
Description
Features
Applications
Fixed Voltage Regulator
Adjustable Voltage Regulator
Typical Application Circuit
VIN > 4.75V
VOUT = 3.45V
VOUT = 3.3V
VIN > 4.75V
U1
EZ1085
1
2
3
ADJ
OUT
IN
TAB
+
C2
10uF Tant. Min.
R1
133 Ohm, 1%
+
C1
10uF Tant.
U1
EZ1085C-3.3
1
2
3
GND
OUT
IN
TAB
R2
232 Ohm, 1%
+
C1
10uF Tant.
+
C2
10uF Tant. Min
Notes:
(1) C1 needed if device is far from filter capacitors
(2) C2 minimum value required for stability
2
R
I
1
R
2
R
1
V
V
ADJ
REF
OUT
•
+
 +
•
=


Similar Part No. - TO-263

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
TO-263 HSMC-TO-263 Datasheet
71Kb / 6P
N-Channel Power Field Effect Transistor
logo
Vishay Siliconix
TO-263 VISHAY-TO-263 Datasheet
104Kb / 6P
N-Channel 100-V (D-S) 175 °C MOSFET
12-Jun-06
logo
Continental Device Indi...
TO-263 CDIL-TO-263 Datasheet
415Kb / 3P
TO-263 D PAK SMD Plastic Package Package Outline and Packaging Information
logo
Littelfuse
TO-263 LITTELFUSE-TO-263 Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
ZP Semiconductor
TO-263 ZPSEMI-TO-263 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - TO-263

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085M SEME-LAB-LT1085M Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085_06 Datasheet
155Kb / 6P
3 Amp Positive Voltage Regulator
EZ1587C SEMTECH-EZ1587C_06 Datasheet
156Kb / 6P
3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
LM1085G SEME-LAB-LM1085G Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C Datasheet
159Kb / 6P
3 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com