Electronic Components Datasheet Search
  English  ▼

X  

AD569KNZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD569KNZ
Description  16-Bit Monotonic Voltage Output D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD569KNZ Datasheet(HTML) 3 Page - Analog Devices

  AD569KNZ Datasheet HTML 1Page - Analog Devices AD569KNZ Datasheet HTML 2Page - Analog Devices AD569KNZ Datasheet HTML 3Page - Analog Devices AD569KNZ Datasheet HTML 4Page - Analog Devices AD569KNZ Datasheet HTML 5Page - Analog Devices AD569KNZ Datasheet HTML 6Page - Analog Devices AD569KNZ Datasheet HTML 7Page - Analog Devices AD569KNZ Datasheet HTML 8Page - Analog Devices AD569KNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD569
REV. A
–3–
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for Design Guidance Only and are not subject to test.
+VS = +12 V; –VS = –12 V; +VREF = +5 V; –VREF = –5 V excepts where stated.
Parameter
Limit
Units
Test Conditions/Comments
Output Voltage Settling
5
µs max
No Load Applied
(Time to
±0.001% FS
3
µs typ
(DAC output measured from falling edge of LDAC.)
For FS Step)
6
µs max
VOUT Load = 1 kΩ, CLOAD = 1000 pF.
4
µs typ
(DAC output measured from falling edge of LDAC. )
Digital-to-Analog Glitch
500
nV-sec typ
Measured with VREF = 0 V. DAC registers alternatively loaded
Impulse
with input codes of 8000H and 0FFFH (worst-case
transition). Load = 1 k
Ω.
Multiplying Feedthrough
–100
dB max
+VREF = 1 V rms 10 kHz sine wave,
–VREF = 0 V
Output Noise Voltage
40
nV/
Hz
typ
Measured between VOUT and –VREF
Density (1 kHz-1 MHz)
TIMING CHARACTERISTICS (+VS = +12 V, –VS = –12 V, VIH = 2.4 V, VIL = 0.4 V,TMIN to TMAX)
Parameter
Limit
Units
Test Conditions/Comments
Case A
150 ns Pulse on HBE, LBE, and LDAC
THS = 140 ns min, THH = 10 ns min
tWC
120
ns min
CS
Pulse Width
tSC
60
ns min
CS
Data Setup Time
tHC
20
ns min
CS
Data Hold Time
Case B
None
tWB
70
ns min
HBE
, LBE Pulse Width
tSB
80
ns min
HBE
, LBE Data Setup Time
tHB
20
ns min
HBE
, LBE Data Hold Time
tSCS
120
ns min
CS
Setup Time
tHCS
10
ns min
CS
Hold Time
tWD
120
ns min
LDAC
Pulse Width
Case C
None
tWB
120
ns min
HBE
, LBE Pulse Width
tSB
80
ns min
HBE
, LBE Data Setup Time
tHB
20
ns min
HBE
, LBE Data Hold Time
tSCS
120
ns min
CS
Setup Time
tHCS
10
ns min
CS
Hold Time
Figure 2a. AD569 Timing Diagram – Case B
Figure 2b. AD569 Timing Diagram – Case C
Figure 1. AD569 Timing Diagram – Case A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com