Electronic Components Datasheet Search
  English  ▼

X  

AD680JR Datasheet(PDF) 3 Page - Analog Devices

Part # AD680JR
Description  Low Power, Low Cost 2.5 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680JR Datasheet(HTML) 3 Page - Analog Devices

  AD680JR Datasheet HTML 1Page - Analog Devices AD680JR Datasheet HTML 2Page - Analog Devices AD680JR Datasheet HTML 3Page - Analog Devices AD680JR Datasheet HTML 4Page - Analog Devices AD680JR Datasheet HTML 5Page - Analog Devices AD680JR Datasheet HTML 6Page - Analog Devices AD680JR Datasheet HTML 7Page - Analog Devices AD680JR Datasheet HTML 8Page - Analog Devices AD680JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD680
Rev. H | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VIN = 5 V, unless otherwise noted. Specifications in boldface are tested on all production units at final electrical test. Results
from these tests are used to calculate outgoing quality levels. All minimum and maximum specifications are guaranteed.
Table 1.
AD680AN/AD680AR
AD680JN/AD680JR
AD680JT
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE
Output Voltage, VO
2.495
2.500
2.505
2.490
2.500
2.510
2.490
2.500
2.510
V
Initial Accuracy, VOERR
−5
+5
−10
+10
−10
+10
mV
−0.20
+0.20
−0.40
+0.40
−0.40
+0.40
%
OUTPUT VOLTAGE DRIFT1
0°C to 70°C
10
10
25
10
30
ppm/°C
−40°C to +85°C
20
25
25
ppm/°C
LINE REGULATION
4.5 V ≤ +VIN ≤ 15 V
40
40
40
μV/V
(@ TMIN to TMAX)
40
40
40
μV/V
15 V ≤ +VIN ≤ 36 V
40
40
40
μV/V
(@ TMIN to TMAX)
40
40
40
μV/V
LOAD REGULATION
0 < IOUT < 10 mA
80
100
80
100
80
100
μV/mA
(@ TMIN to TMAX)
80
100
80
100
80
100
μV/mA
QUIESCENT CURRENT
195
250
195
250
195
250
μA
(@ TMIN to TMAX)
280
280
280
μA
POWER DISSIPATION
1
1.25
1
1.25
1
1.25
mW
OUTPUT NOISE
0.1 Hz to 10 Hz
8
10
8
10
8
10
μV p-p
Spectral Density, 100 Hz
250
250
250
nV/√Hz
CAPACITIVE LOAD
50
50
50
nF
LONG-TERM STABILITY
25
25
25
ppm/1,000 hr
SHORT-CIRCUIT CURRENT TO GROUND
25
50
25
50
25
50
mA
TEMPERATURE PIN
Voltage Output @ 25°C
540
596
660
540
596
660
mV
Temperature Sensitivity
2
2
mV/°C
Output Current
−5
+5
−5
+5
μA
Output Resistance
12
12
kΩ
TEMPERATURE RANGE
Specified Performance
−40
+85
0
70
0
70
°C
Operating Performance2
−40
+85
−40
+85
−40
+85
°C
1 Maximum output voltage drift is guaranteed for all packages.
2 The operating temperature range is defined as the temperature extremes at which the device will still function. Parts may deviate from their specified performance
outside their specified temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com