Electronic Components Datasheet Search
  English  ▼

X  

AD847JRZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD847JRZ
Description  High Speed, Low Power Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847JRZ Datasheet(HTML) 4 Page - Analog Devices

  AD847JRZ Datasheet HTML 1Page - Analog Devices AD847JRZ Datasheet HTML 2Page - Analog Devices AD847JRZ Datasheet HTML 3Page - Analog Devices AD847JRZ Datasheet HTML 4Page - Analog Devices AD847JRZ Datasheet HTML 5Page - Analog Devices AD847JRZ Datasheet HTML 6Page - Analog Devices AD847JRZ Datasheet HTML 7Page - Analog Devices AD847JRZ Datasheet HTML 8Page - Analog Devices AD847JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD847
REV. F
–4–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2 Watts
Small Outline (R) . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 Watts
Cerdip (Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 Watts
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
(N, R) . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 175
°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Mini-DIP Package:
θ
JA = 100°C/Watt; θJC = 33°C/Watt
Cerdip Package:
θ
JA = 110°C/Watt; θJC = 30°C/Watt
Small Outline Package:
θ
JA = 155°C/Watt; θJC = 33°C/Watt
ESD SUSCEPTIBILITY
ESD (electrostatic discharge) sensitive device. Electrostatic
charges as high as 4000 volts, which readily accumulate on the
human body and on test equipment, can discharge without de-
tection. Although the AD847 features proprietary ESD protec-
tion circuitry, permanent damage may still occur on these
devices if they are subjected to high energy electrostatic dis-
charges. Therefore, proper ESD precautions are recommended
to avoid any performance degradation or loss of functionality.
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
ORDERING GUIDE
Temperature
Package
Package
Models*
Range – C
Description
Option
AD847JN
0 to +70
Plastic
N-8
AD847JR
0 to +70
SOIC
R-8
AD847AQ
–40 to +85
Cerdip
Q-8
AD847AR
–40 to +85
SOIC
R-8
AD847SQ
–55 to +125
Cerdip
Q-8
AD847SQ/883B
–55 to +125
Cerdip
Q-8
5962-8964701PA
–55 to +125
Cerdip
Q-8
*AD847 also available in J and S grade chips, and AD847JR and AD847AR are available
*in tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com