Electronic Components Datasheet Search
  English  ▼

X  

AD847 Datasheet(PDF) 12 Page - Analog Devices

Part # AD847
Description  High Speed, Low Power Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD847 Datasheet HTML 4Page - Analog Devices AD847 Datasheet HTML 5Page - Analog Devices AD847 Datasheet HTML 6Page - Analog Devices AD847 Datasheet HTML 7Page - Analog Devices AD847 Datasheet HTML 8Page - Analog Devices AD847 Datasheet HTML 9Page - Analog Devices AD847 Datasheet HTML 10Page - Analog Devices AD847 Datasheet HTML 11Page - Analog Devices AD847 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD847
REV. F
–12–
HIGH SPEED DAC BUFFER
The wide bandwidth and fast settling time of the AD847 makes
it a very good output buffer for high speed current-output D/A
converters like the AD668. As shown in Figure 27, the op amp
establishes a summing node at ground for the DAC output. The
output voltage is determined by the amplifier’s feedback resistor
(10.24 V for a 1 k
Ω resistor). Note that since the DAC gener-
ates a positive current to ground, the voltage at the amplifier
output will be negative. A 100
Ω series resistor between the
noninverting amplifier input and ground minimizes the offset
effects of op amp input bias currents.
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
AD668
+15V
10
µF
TO ANALOG
GROUND PLANE
0.1
µF
–
+
1V NOMINAL
REFERENCE INPUT
10k
1k
100
Ω
AD847
ANALOG GROUND PLANE
ANALOG
OUTPUT
ANALOG
SUPPLY
GROUND
0.1
µF
10
µF
–15V
+5V
1k
Ω
100pF
DIGITAL
INPUTS
MSB
LSB
V
REFCOM
REFIN1
REFIN2
R
ACOM
LCOM
IBPO
V
THCOM
VTH
EE
LOAD
OUT
CC
I
Figure 27. High Speed DAC Buffer
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
All brand or product names mentioned are trademarks or registered trademarks of their respective holders.
Cerdip (Q-8) Package
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
15
°
0
°
0.005 (0.13) MIN
0.055 (1.40) MAX
1
PIN 1
4
5
8
0.310 (7.87)
0.220 (5.59)
0.405 (10.29) MAX
0.200
(5.08)
MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
Mini-DIP (N-8) Package
0.011±0.003
(0.28±0.08)
0.30 (7.62)
REF
15
°
0
°
PIN 1
4
5
8
1
0.25
(6.35)
0.31
(7.87)
0.10
(2.54)
BSC
SEATING
PLANE
0.035±0.01
(0.89±0.25)
0.18±0.03
(4.57±0.76)
0.033
(0.84)
NOM
0.018±0.003
(0.46±0.08)
0.125
(3.18)
MIN
0.165±0.01
(4.19±0.25)
0.39 (9.91) MAX
Small Outline (R-8) Package
0.019 (0.48)
0.014 (0.36)
0.050
(1.27)
BSC
0.102 (2.59)
0.094 (2.39)
0.197 (5.01)
0.189 (4.80)
0.010 (0.25)
0.004 (0.10)
0.098 (0.2482)
0.075 (0.1905)
0.190 (4.82)
0.170 (4.32)
0.030 (0.76)
0.018 (0.46)
10
°
0
°
0.090
(2.29)
8
°
0
°
0.020 (0.051) x 45
°
CHAMF
1
8
5
4
PIN 1
0.157 (3.99)
0.150 (3.81)
0.244 (6.20)
0.228 (5.79)
0.150 (3.81)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com