Electronic Components Datasheet Search
  English  ▼

X  

AD7243 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7243
Description  LC2MOS 12-Bit Serial DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7243 Datasheet(HTML) 1 Page - Analog Devices

  AD7243 Datasheet HTML 1Page - Analog Devices AD7243 Datasheet HTML 2Page - Analog Devices AD7243 Datasheet HTML 3Page - Analog Devices AD7243 Datasheet HTML 4Page - Analog Devices AD7243 Datasheet HTML 5Page - Analog Devices AD7243 Datasheet HTML 6Page - Analog Devices AD7243 Datasheet HTML 7Page - Analog Devices AD7243 Datasheet HTML 8Page - Analog Devices AD7243 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
12-Bit Serial DACPORT
AD7243
FUNCTIONAL BLOCK DIAGRAM
INPUT SHIFT REGISTER
DAC LATCH
12 - BIT DAC
12
12
AGND
DGND
REFOUT
REFIN
SDIN CLR
SCLK
DCEN SDO
ROFS
VOUT
VSS
VDD
2R
2R
AD7243
BIN/
COMP
SYNC LDAC
FEATURES
12-Bit CMOS DAC with
On-Chip Voltage Reference
Output Amplifier
Three Selectable Output Ranges
–5 V to +5 V, 0 V to +5 V, 0 V to +10 V
Serial Interface
300 kHz DAC Update Rate
Small Size: 16-Lead DIP or SOIC
Nonlinearity:
1/2 LSB TMIN to TMAX
Low Power Dissipation: 100 mW Typical
APPLICATIONS
Process Control
Industrial Automation
Digital Signal Processing Systems
Input/Output Ports
GENERAL DESCRIPTION
The AD7243 is a complete 12-bit, voltage output, digital-to-
analog converter with output amplifier and Zener voltage refer-
ence on a monolithic CMOS chip. No external trims are
required to achieve full specified performance.
The output amplifier is capable of developing +10 V across a
2 k
Ω load. The output voltage ranges with single supply opera-
tion are 0 V to +5 V or 0 V to +10 V, while an additional bipo-
lar
±5 V output range is available with dual supplies. The ranges
are selected using the internal gain resistor.
The data format is natural binary in both unipolar ranges, while
either offset binary or two’s complement format may be selected
in the bipolar range. A
CLR function is provided which sets the
output to 0 V in both unipolar ranges and in the two’s comple-
ment bipolar range, while with offset binary data format, the
output is set to –REFIN. This function is useful as a power-on
reset as it allows the output to be set to a known voltage level.
The AD7243 features a fast versatile serial interface which
allows easy connection to both microcomputers and 16-bit digi-
tal signal processors with serial ports. The serial data may be
applied at rates up to 5 MHz allowing a DAC update rate of
300 kHz. A serial data output capability is also provided which
allows daisy chaining in multi-DAC systems. This feature allows
any number of DACs to be used in a system with a simple
4-wire interface. All DACs may be updated simultaneously
using
LDAC.
The AD7243 is fabricated on Linear Compatible CMOS
(LC2MOS), an advanced, mixed technology process. It is pack-
aged in 16-lead DIP and 16-lead SOIC packages.
PRODUCT HIGHLIGHTS
1. Complete 12-Bit DACPORT®
The AD7243 is a complete, voltage output, 12-bit DAC on
a single chip. The single chip design is inherently more
reliable than multichip designs.
2. Single or Dual Supply Operation.
3. Minimum 3-wire interface to most DSP processors.
4. DAC Update Rate–300 kHz.
5. Serial Data Output allows easy daisy-chaining in multiple
DAC systems.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
DACPORT is a registered trademark of Analog Devices, Inc.


Similar Part No. - AD7243

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7243 AD-AD7243 Datasheet
171Kb / 12P
LC2MOS 12-Bit Serial DACPORT
AD7243 AD-AD7243 Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243 Datasheet
282Kb / 13P
LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7243AN AD-AD7243AN Datasheet
171Kb / 12P
LC2MOS 12-Bit Serial DACPORT
AD7243AN AD-AD7243AN Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
More results

Similar Description - AD7243

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
AD7243 AD-AD7243 Datasheet
171Kb / 12P
LC2MOS 12-Bit Serial DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
LC2MOS 12-Bit DACPORT
AD7249 AD-AD7249 Datasheet
149Kb / 12P
LC2MOS Dual 12-Bit Serial DACPORT
REV.C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
LC2MOS 12-BiT DACPORT
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
LC2MOS 12-Bit DACPORT
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
LC2MOS 12-Bit Serial DACPORT
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com