Electronic Components Datasheet Search
  English  ▼

X  

TSM4459 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4459
Description  30V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4459 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4459 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4459 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4459 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4459 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSM4459
30V P-Channel MOSFET
2/4
Version: A12
Electrical Specifications (TA = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250uA
BVDSS
-30
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-1
--
-3
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = -30V, VGS = 0V
IDSS
--
--
-1.0
µA
Drain-Source On-State Resistance
a
VGS = -10V, ID = -9A
RDS(ON)
--
4
5.2
mΩ
VGS = -4.5V, ID = -9A
--
7
9.5
Diode Forward Voltage
IS = -18A, VGS = 0V
VSD
--
0.8
--
V
Dynamic
Total Gate Charge
VDS = -24V, ID = -17A,
VGS = -4.5V
Qg
--
78.4
--
nC
Gate-Source Charge
Qgs
--
25.1
--
Gate-Drain Charge
Qgd
--
38.7
--
Gate Resistance
f = 1.0MHz
Rg
--
2.88
--
Ω
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1.0MHz
Ciss
--
6205
--
pF
Output Capacitance
Coss
--
963
--
Reverse Transfer Capacitance
Crss
--
330
--
Switching
Turn-On Delay Time
VDD = -15V, RL = 15Ω,
VGEN = -10V,
RG = 4.7Ω
td(on)
--
75.2
--
nS
Turn-On Rise Time
tr
--
33.8
--
Turn-Off Delay Time
td(off)
--
275
--
Turn-Off Fall Time
tf
--
92.1
--
Notes:
a.
pulse test: PW ≤300µS, duty cycle ≤2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com