Electronic Components Datasheet Search
  English  ▼

X  

TSM4539D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4539D
Description  Complementary Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4539D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4539D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4539D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4539D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4539D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSM4539D
Complementary Enhancement MOSFET
2/4
Version: A12
Electrical Specifications (TA=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS =0V, ID = 250uA
BVDSS
N-CH
30
--
--
V
VGS =0V, ID =-250uA
P-CH
-30
--
--
Gate Threshold Voltage
VDS =VGS, ID = 250µA
VGS(TH)
N-CH
1.0
1.4
3.0
V
VDS =VGS, ID =-250µA
P-CH
-1.0
-1.5
-3.0
Gate Body Leakage
VGS = ±20V, VDS =0V
IGSS
N-CH
--
--
±100
nA
VGS = ±20V, VDS =0V
P-CH
--
--
±10
Zero Gate Voltage Drain Current
VDS =24V, VGS =0V
IDSS
N-CH
--
--
1
µA
VDS =-24V, VGS =0V
P-CH
--
--
-1
Drain-Source On-State
Resistance
a
VGS =10V, ID =6.5A
RDS(ON)
N-CH
--
23
28
mΩ
VGS =-10V, ID =-4.2A
P-CH
--
50
65
VGS =4.5V, ID =5A
N-CH
--
35
42
VGS =-4.5V, ID =-3.5A
P-CH
82
90
Dynamic
b
Total Gate Charge
N-Channel
VDS =10V, ID =1A,
VGS =10V
Qg
N-CH
--
7
--
nC
P-CH
--
9.7
--
Gate-Source Charge
Qgs
N-CH
--
1.6
--
P-Channel
VDS =-15V, ID =-5.2A,
VGS =-10V
P-CH
--
1.6
--
Gate-Drain Charge
Qgd
N-CH
--
1.0
--
P-CH
--
1.3
--
Input Capacitance
N-Channel
VDS =15V, VGS = 0V,
f = 1.0MHz
Ciss
N-CH
--
610
--
pF
P-CH
--
100
--
Output Capacitance
Coss
N-CH
--
77
--
P-Channel
VDS =-15V, VGS = 0V,
f = 1.0MHz
P-CH
--
551
--
Reverse Transfer Capacitance
Crss
N-CH
--
90
--
P-CH
--
60
--
Switching
b
Turn-On Delay Time
N-Channel
VDD =15V, ID = 1A,
VGEN =10V, RG = 6Ω
td(on)
N-CH
--
7
--
nS
P-CH
--
6.2
--
Turn-On Rise Time
tr
N-CH
--
10
--
P-CH
--
6.2
--
Turn-Off Delay Time
P-Channel
VDD =-15V, ID = -1A,
VGEN =-10V, RG = 6Ω
td(off)
N-CH
--
16
--
P-CH
--
26
--
Turn-Off Fall Time
tf
N-CH
--
7
--
P-CH
--
5.5
--
Diode Forward Voltage
IS =1 A, VGS = 0V
VSD
N-CH
--
--
1.0
V
IS =-1.9A, VGS = 0V
P-CH
--
--
-1.3
Notes:
a. Pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com