Electronic Components Datasheet Search
  English  ▼

X  

AT90LS2333 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT90LS2333
Description  8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2333 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT90LS2333 Datasheet HTML 5Page - ATMEL Corporation AT90LS2333 Datasheet HTML 6Page - ATMEL Corporation AT90LS2333 Datasheet HTML 7Page - ATMEL Corporation AT90LS2333 Datasheet HTML 8Page - ATMEL Corporation AT90LS2333 Datasheet HTML 9Page - ATMEL Corporation AT90LS2333 Datasheet HTML 10Page - ATMEL Corporation AT90LS2333 Datasheet HTML 11Page - ATMEL Corporation AT90LS2333 Datasheet HTML 12Page - ATMEL Corporation AT90LS2333 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AT90S/LS2333 and AT90S/LS4433
12
Packaging Information
9.00 (0.354) BSC
9.00 (0.354) BSC
0.45 (0.018)
0.30 (0.012)
PIN 1 ID
0.80 (0.031) BSC
7.00 (0.276) BSC
0˚
7˚
0.20 (0.008)
0.10 (0.004)
0.75 (0.030)
0.45 (0.018)
1.20 (0.047) MAX
0.15 (0.006)
0.05 (0.002)
28P3, 28-lead, 0.300” Wide,
Plastic Dual Inline Package (PDIP)
Dimensions in Inches and (Millimeters)
32A, 32-lead, Thin (1.0 mm) Plastic Gull Wing Quad
Flat Package (TQFP)
Dimensions in Millimeters and (Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com