Electronic Components Datasheet Search
  English  ▼

X  

AT93C46 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT93C46
Description  3-Wire Serial EEPROMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT93C46 Datasheet HTML 1Page - ATMEL Corporation AT93C46 Datasheet HTML 2Page - ATMEL Corporation AT93C46 Datasheet HTML 3Page - ATMEL Corporation AT93C46 Datasheet HTML 4Page - ATMEL Corporation AT93C46 Datasheet HTML 5Page - ATMEL Corporation AT93C46 Datasheet HTML 6Page - ATMEL Corporation AT93C46 Datasheet HTML 7Page - ATMEL Corporation AT93C46 Datasheet HTML 8Page - ATMEL Corporation AT93C46 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AT93C46/56/57/66
3
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL min and VIH max are reference only and are not tested.
Pin Capacitance(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
Test Conditions
Max
Units
Conditions
C
OUT
Output Capacitance (DO)
5
pF
V
OUT = 0V
C
IN
Input Capacitance (CS, SK, DI)
5
pF
V
IN = 0V
DC Characteristics
Applicable over recommended operating range from: T
AI = -40°C to +85°C, VCC = +1.8V to +5.5V,
T
AC = 0°C to +70°C, VCC = +1.8V to +5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
V
CC1
Supply Voltage
1.8
5.5
V
V
CC2
Supply Voltage
2.5
5.5
V
V
CC3
Supply Voltage
2.7
5.5
V
V
CC4
Supply Voltage
4.5
5.5
V
I
CC
Supply Current
V
CC = 5.0V
READ at 1.0 MHz
0.5
2.0
mA
WRITE at 1.0 MHz
0.5
2.0
mA
I
SB1
Standby Current
V
CC = 1.8V
CS = 0V
0
0.1
µA
I
SB2
Standby Current
V
CC = 2.5V
CS = 0V
6.0
10.0
µA
I
SB3
Standby Current
V
CC = 2.7V
CS = 0V
6.0
10.0
µA
I
SB4
Standby Current
V
CC = 5.0V
CS = 0V
17
30
µA
I
IL
Input Leakage
V
IN = 0V to VCC
0.1
1.0
µA
I
OL
Output Leakage
V
IN = 0V to VCC
0.1
1.0
µA
V
IL1
(1)
V
IH1
(1)
Input Low Voltage
Input High Voltage
4.5V
≤ V
CC ≤ 5.5V
-0.6
2.0
0.8
V
CC + 1
V
V
IL2
(1)
V
IH2
(1)
Input Low Voltage
Input High Voltage
1.8V
≤ V
CC ≤ 2.7V
-0.6
V
CC x 0.7
V
CC x 0.3
V
CC + 1
V
V
OL1
V
OH1
Output Low Voltage
Output High Voltage
4.5V
≤ V
CC ≤ 5.5V
I
OL = 2.1 mA
0.4
V
I
OH = -0.4 mA
2.4
V
V
OL2
V
OH2
Output Low Voltage
Output High Voltage
1.8V
≤ V
CC ≤ 2.7V
I
OL = 0.15 mA
0.2
V
I
OH = -100 µAVCC - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com