Electronic Components Datasheet Search
  English  ▼

X  

SSM2356 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2356
Description  2 x 2W Filterless Class-D Stereo Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2356 Datasheet(HTML) 3 Page - Analog Devices

  SSM2356 Datasheet HTML 1Page - Analog Devices SSM2356 Datasheet HTML 2Page - Analog Devices SSM2356 Datasheet HTML 3Page - Analog Devices SSM2356 Datasheet HTML 4Page - Analog Devices SSM2356 Datasheet HTML 5Page - Analog Devices SSM2356 Datasheet HTML 6Page - Analog Devices SSM2356 Datasheet HTML 7Page - Analog Devices SSM2356 Datasheet HTML 8Page - Analog Devices SSM2356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
SSM2356
Rev. A | Page 3 of 16
SPECIFICATIONS
VDD = 5.0 V, TA = 25oC, RL = 8 Ω +33 μH, EDGE = GND, Gain = 6 dB, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Power/Channel
PO
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.42
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.75
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.8
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.94
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
2.0
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.3
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
2.51
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.7
W
Efficiency
η
PO = 1.4 W, 8 Ω, VDD = 5.0 V, EDGE = GND
(normal, low EMI mode)
92
%
PO = 1.4 W, 8 Ω, VDD = 5.0 V, EDGE = VDD
(ultralow EMI mode)
90
%
Total Harmonic Distortion + Noise
THD + N
PO = 1 W into 8 Ω, f = 1 kHz, VDD = 5.0 V
0.004
%
PO = 0.5 W into 8 Ω, f = 1 kHz, VDD = 3.6 V
0.004
%
Input Common-Mode Voltage Range
VCM
1.0
VDD − 1
V
Common-Mode Rejection Ratio
CMRRGSM
VCM = 2.5 V ± 100 mV at 217 Hz, output referred
55
dB
Channel Separation
XTALK
PO = 100 mW, f = 1 kHz
78
dB
Average Switching Frequency
fSW
300
kHz
Differential Output Offset Voltage
VOOS
Gain = 6 dB
2.0
mV
POWER SUPPLY
Supply Voltage Range
VDD
Guaranteed from PSRR test
2.5
5.5
V
Power Supply Rejection Ratio
PSRR
(DC)
VDD = 2.5 V to 5.0 V, dc input floating
70
85
dB
PSRRGSM
VRIPPLE = 100 mV at 217 Hz, inputs ac GND, CIN = 0.1 µF
60
dB
Supply Current (stereo)
ISY
VIN = 0 V, no load, VDD = 5.0 V
5.75
mA
VIN = 0 V, no load, VDD = 3.6 V
4.9
mA
VIN = 0 V, no load, VDD = 2.5 V
4.7
mA
VIN = 0 V, load = 8 Ω + 33 µH, VDD = 5.0 V
5.5
mA
VIN = 0 V, load = 8 Ω + 33 µH, VDD = 3.6 V
5.1
mA
VIN = 0 V, load = 8 Ω + 33 µH, VDD = 2.5 V
4.5
mA
Shutdown Current
ISD
SDNR = SDNL= GND
20
nA
GAIN CONTROL
Closed-Loop Gain
Gain
GAIN = VDD
18
dB
Gain
GAIN = GND
6
dB
Input Impedance
ZIN
SDNR = SDNL = VDD; GAIN = GND or VDD
80
kΩ
SHUTDOWN CONTROL
Input Voltage High
VIH
1.35
V
Input Voltage Low
VIL
0.35
V
Turn-On Time
tWU
SDNR/SDNL rising edge from GND to VDD
7
ms
Turn-Off Time
tSD
SDNR/SDNL falling edge from VDD to GND
5
µs
Output Impedance
ZOUT
SDNR/SDNL = GND
>100
kΩ
NOISE PERFORMANCE
Output Voltage Noise
en
VDD = 3.6 V, f = 20 Hz to 20 kHz, inputs are ac grounded,
Gain = 6 dB, A-weighted
29
µVrms
Signal-to-Noise Ratio
SNR
PO = 1.4 W, RL = 8 Ω
100
dB
1
Note that, although the SSM2356 has good audio quality above 2 W per channel, continuous output power beyond 2 W per channel must be avoided due to device
packaging limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com