| Electronic Components Datasheet Search |
|
DAC8413FPCZ Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8413FPCZ Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 20 page ![]() Data Sheet DAC8412/DAC8413 Rev. G | Page 7 of 20 ABSOLUTE MAXIMUM RATINGS TA = +25°C, unless otherwise noted. Table 3. Parameter Rating VSS to VDD −0.3 V, +33.0 V VSS to VLOGIC −0.3 V, +33.0 V VLOGIC to DGND −0.3 V, +7.0 V VSS to VREFL −0.3 V, +VSS − 2.0 V VREFH to VDD +2.0 V, +33.0 V VREFH to VREFL +2.0 V, VSS − VDD Current into Any VSS pin ±15 mA Digital Input Voltage to DGND −0.3 V, VLOGIC + 0.3 V Digital Output Voltage to DGND −0.3 V, +7.0 V Operating Temperature Range EP, FP, FPC −40°C to +85°C AT, BT, BTC −55°C to +125°C Junction Temperature 150°C Storage Temperature Range −65°C to +150°C Power Dissipation Package 1000 mW Lead Temperature JEDEC Industry Standard Soldering J-STD-020 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case mounting conditions, that is, a device in socket. Table 4. Thermal Resistance Package Type θJA θJC Unit 28-Lead Plastic DIP (PDIP) 48 22 °C/W 28-Terminal Ceramic Leadless Chip Carrier (LLC) 70 28 °C/W 28-Lead Plastic Leaded Chip Carrier (PLLC) 63 25 °C/W 28-Lead Ceramic Dual In-Line Package (CERDIP) 51 9 °C/W ESD CAUTION |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |