| Electronic Components Datasheet Search |
|
ADM237LAN Datasheet(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM237LAN Datasheet(HTML) 4 Page - Analog Devices |
|
4 / 20 page ![]() ADM231L–ADM234L/ADM236L–ADM241L Rev. C | Page 4 of 20 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating VCC –0.3 V to +6 V V+ (VCC – 0.3 V) to +14 V V– +0.3 V to −14 V Input Voltages TIN –0.3 V to (VCC + 0.3 V) RIN ±30 V Output Voltages TOUT (V+, +0.3 V) to (V–, –0.3 V) ROUT –0.3 V to (VCC + 0.3 V) Short-Circuit Duration TOUT Continuous Power Dissipation N-14 PDIP (Derate 10 mW/°C above 70°C) 800 mW N-16 PDIP (Derate 10.5 mW/°C above 70°C) 840 mW N-20 PDIP (Derate 11 mW/°C above 70°C) 890 mW N-24-1 PDIP (Derate 13.5 mW/°C above 70°C) 1000 mW R-16 SOIC (Derate 9 mW/°C above 70°C) 760 mW R-24 SOIC (Derate 12 mW/°C above 70°C) 850 mW R-28 SOIC (Derate 12.5 mW/°C above 70°C) 900 mW RS-28 SSOP (Derate 10 mW/°C above 70°C) 900 mW Parameter Rating Q-14 CERDIP (Derate 10 mW/°C above 70°C) 720 mW Q-16 CERDIP (Derate 10 mW/°C above 70•C) 800 mW Q-24 CERDIP (Derate 12.5 mW/°C above 70°C) 1000 mW Thermal Impedance, θJA N-14 PDIP 140°C/W N-16 PDIP 135°C/W N-20 PDIP 125°C/W N-24-1 PDIP 120°C/W R-16 SOIC 105°C/W R-24 SOIC 85°C/W R-28 SOIC 80°C/W RS-28 SSOP 100°C/W Q-14 CERDIP 105°C/W Q-16 CERDIP 100°C/W Q-24 CERDIP 55°C/W Operating Temperature Range Commercial (J Version) 0°C to 70°C Industrial (A Version) −40°C to +85°C Storage Temperature Range −65°C to +150°C Lead Temperature, Soldering 300°C Vapor Phase (60 sec) 215°C Infrared (15 sec) 220° C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |