Electronic Components Datasheet Search
  English  ▼

X  

FE80 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FE80
Description  Tip Extraction Units FE Irons
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FE80 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FE80 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
146
Fume Extraction
Tip Extraction Units + FE Irons
Soldering Tips: see page 89
Soldering Tips: see page 93 / 94
Soldering Tips: see page 79 / 80
Soldering Tips: see page 88
Fume Extraction
FE Soldering Irons
Weller FE soldering irons are specifically designed for tip extraction applications. The smoke tube is integral with
the handle and is normally placed over the joint when soldering but can be retracted when access to the joint is a
problem or removed for cleaning. The irons are temperature controlled, ergonomic and allow precise handling.
The electronic controlled irons can be driven from any PU /PUD series power unit compatible with the rating of
the iron or any rework station. FE 50M irons can only be driven from the P51 power unit. The range of iron power
ratings and the extensive range of solder tips mean that there is an iron to suit all applications. The FE irons are
supplied with a 5 mm-dia. burn proof hose 2.5 m long, all handles, leads and hoses are ESD safe.
Order No.
Model
Description
005 33 150 99 FE 50 Set
FE Soldering iron set 50 W / 24 V
consists of:
005 25 153 99
FE 50
FE Soldering iron 50 W / 24 V with soldering tip 4ETB
005 15 020 99
KH 20
Safety rest
005 50 050 99
Funnel for KH 20
005 25 409 99
Cleaning brush for FE tube
Order No.
Model
Description
005 32 152 99 FE 50M
FE Soldering iron 50 W / 24 V
consists of:
FE 50M
FE Soldering iron 50 W / 24 V Magnastat controlled
controlled with soldering tip PT B7 2,4 mm
005 50 050 99
Funnel for KH 20
005 25 409 99
Cleaning brush for FE tube
Order No.
Model
Description
005 33 151 99 FE 75 Set
FE Soldering iron set 80 W / 24 V
consists of:
005 29 166 99
FE 75
FE Soldering iron 80 W / 24 V with soldering tip LT B
005 15 020 99
KH 20
Safety rest
005 87 447 28
Funnel for KH 20
005 25 409 99
Cleaning brush for FE tube
Order No.
Model
Description
005 26 162 99 FE 80
FE Soldering iron 80 W / 24 V
consists of:
FE 80
FE Soldering iron 80 W / 24 V with soldering tip HT B
005 50 050 99
Funnel for KH 20
005 25 409 99
Cleaning brush for FE tube


Similar Part No. - FE80

ManufacturerPart #DatasheetDescription
logo
Weller Tools
FE80 WELLER-FE80 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
More results

Similar Description - FE80

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
Extraction Tool
0011030010 MOLEX1-0011030010 Datasheet
25Kb / 1P
Extraction Tool
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
Tip & Ring
logo
Molex Electronics Ltd.
11-03-0044 MOLEX11-11-03-0044 Datasheet
42Kb / 1P
Extraction Tool
0638132350 MOLEX11-0638132350 Datasheet
26Kb / 1P
Extraction Tool
0622021850 MOLEX11-0622021850 Datasheet
41Kb / 1P
Extraction Tool
logo
TE Connectivity Ltd
C-8-1579008-4 TEC-C-8-1579008-4 Datasheet
114Kb / 1P
EXTRACTION TOOL
logo
Rosenberger Hochfrequen...
19W002-000 ROSENBERGER-19W002-000 Datasheet
56Kb / 1P
EXTRACTION TOOL
11W102-000 ROSENBERGER-11W102-000 Datasheet
31Kb / 1P
EXTRACTION TOOL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com