Electronic Components Datasheet Search
  English  ▼

X  

MM-16 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # MM-16
Description  Metal Film MELF Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

MM-16 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  MM-16 Datasheet HTML 1Page - UNIOHM CORPORATION MM-16 Datasheet HTML 2Page - UNIOHM CORPORATION MM-16 Datasheet HTML 3Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GeneralSpecifications
Type
Power
Rating at
70 degree
C
Max.
Working
Voltage
Max.
Overload
Voltage
Resistance
Range
Min.
Resistance
Range
Max.
Resistance
Tolerance
Standard
Resistance
Value
+- 1%
E-24/E-96
MM-16
1/6W
200V
400V
0, 0.1 ohm 1M ohm
+- 2%, 5%
E-24
+- 1%
E-24/E-96
MM-204 1/4W
200V
400V
0, 0.1 ohm 1M ohm
+- 2%, 5%
E-24
+- 1%
E-24/E-96
MM-207 1/3W
250V
500V
0, 0.1 ohm 10M ohm
+- 2%, 5%
E-24
+- 1%
E-24/E-96
MM-52
1/2W
250V
500V
0, 0.1 ohm 10M ohm
+- 2%, 5%
E-24
Forzero-ohmjumperresistance valueisunder 20mohm.Ratedcurrentis
2AforMM-16&MM-204,4AforMM-207&MM-52.
For0.0010.1ohmpleasesee CSM series.Specialsizes,values, and
specificationsnotlisted availableonspecialorder.
Metal Film MELF Resistor
2
Uniohm Corporation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com