Electronic Components Datasheet Search
  English  ▼

X  

C2020 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C2020
Description  HEYCo-molded Liquid Tight Break-Thru Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2020 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C2020 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quick
Specs
HEYCo-molded™ Liquid Tight
Break-Thru Plugs
Mounting Hole Diameter Range: .500˝ (12,7 mm) to 1.093˝ (27,8 mm)
PANEL DIMENSIONS
CABLE DIA. RANGE
PART
DESCRIPTION
PART DIMENSIONS
Thickness
Mounting
NO.
AB
at Locking
Hole
Head
Overall
Finger Steps
Diameter*
Black
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
.020
0,5
.500
12,7
.080 - .200
2,0 - 5,1
C2008
LTBP 500-063
.92
23,4
.032
0,8
.625
15,9
.130 - .375
3,3 - 9,5
C2012
LTBP 625-063
1.03
26,2
.040
1,0
.750
19,1
.175 - .400
4,4 - 10,2
C2016
LTBP 750-063
1.15
29,2
.32
8,1
.048
1,2
.875
22,2
.130 - .450
3,3 - 11,4
C2020
LTBP 875-063
1.28
32,5
.063
1,6
1.000
25,4
.200 - .715
5,1 - 18,2
C2022
LTBP 1000-063
1.43
36,3
1.093
27,8
.250 - .765
6,4 - 19,4
C2024
LTBP 1093-063
1.53
38,9
Standard color black. Consult Heyco for other colors.
*Consult Heyco for other Mounting Hole Diameters. Our Axcell Rapid Response Team is ready to meet your requirements.
• These co-molded nylon and elastomer
parts function as Liquid Tight Plugs
with an IP 67/68 rating, yet can be
pierced by round wire, cable or tubing
to function as Liquid Tight Bushings
with the same resulting IP 67/68 rating.
• For use in panels as thin as
.020˝ (0,5 mm) and as thick as
.063˝ (1,6 mm). Parts for thicker
panels are under development.
• Provide liquid tight closure when
used as a plug. When pierced,
functions as a liquid tight bushing that
converts raw edged holes to smooth,
neat, insulated holes.
• Used as a liquid tight bushing,
HEYCo-molded Liquid Tight
Break-Thru Plugs insulate and
mechanically protect electrical and
telecommunications cable, tubing,
hose, rope, and utility lines.
• Locking fingers snap into holes with
fingertip pressure.
• Locking fingers in fractional increments
up to the maximum panel thickness.
• Withstands a push back force of
greater than 35 pounds.
• Available in multiple sizes for use in
.500˝ (12,7 mm) to 1.093˝ (27,8 mm)
diameter holes.
A
B
Materials
Nylon 6/6 and TPE
Flammability Rating
HB
Temperature Rating
-40°F (-40°C) to 212°F (100°C)
IP Rating
IP 67/68
3-34
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“ S t a y C o n n e c t e d w i t h H e y c o ” L i q u i d T i g h t C o r d g r i p s
“ S t a y C o n n e c t e d w i t h H e y c o ” L i q u i d T i g h t C o r d g r i p s
ALL NEW
PRODUCTS!


Similar Part No. - C2020

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
C2020 PULSE-C2020 Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
logo
Heyco.
C2020 HEYCO-C2020 Datasheet
100Kb / 1P
HEYCo-molded™ Liquid Tight Break-Thru Plugs
C2020 HEYCO-C2020 Datasheet
99Kb / 1P
HEYCo-molded™ Liquid Tight Break-Thru Plugs
C2020 HEYCO-C2020 Datasheet
116Kb / 1P
Feets of Strength
logo
Murata Manufacturing Co...
C20200-08 MURATA1-C20200-08 Datasheet
2Mb / 30P
Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
2020
More results

Similar Description - C2020

ManufacturerPart #DatasheetDescription
logo
Heyco.
0150 HEYCO-0150 Datasheet
115Kb / 1P
Heyco® Liquid Tight Cordgrips
3544B HEYCO-3544B Datasheet
134Kb / 1P
Heyco® Nylon Liquid Tight Threaded Plugs
3830 HEYCO-3830 Datasheet
282Kb / 1P
Heyco® TPE Liquid Tight Hole Plugs
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
8382 HEYCO-8382 Datasheet
179Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
C2008 HEYCO-C2008 Datasheet
100Kb / 1P
HEYCo-molded™ Liquid Tight Break-Thru Plugs
LTCG HEYCO-LTCG Datasheet
92Kb / 1P
Heyco® Liquid Tight Cordgrips Torque Chart
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com