Electronic Components Datasheet Search
  English  ▼

X  

CFM150M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFM150M
Description  150W MEDICAL OPEN FRAME AC-DC MODULES WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFM150M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFM150M Datasheet HTML 1Page - List of Unclassifed Manufacturers CFM150M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications
CFM150M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ………………….……………................. 110A max. @240Vac
Leakage Current ………………………………………….…...…… 300uA max.
OUTPUT SPECIFICATIONS:
Holdup Time …………………………………………………………... 16ms typ.
Short Circuit Protection ……….…….………… Hiccup mode(Auto Recovery)
Adjustment Range on Vout ………………………………………………. ±5%
Over Voltage Protection ………………………… Recycle AC input to restart
Temperature Coefficient ……………………..............................… ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation ………………………………….……… Input to output = 5,656VDC
NOTE:
Operating Temperature .......................... -20℃~ 70℃ (see Derating Curve)
1. CFM150M:Add a 0.1uF ceramic capacitor and 10uF E.L.
Storage Temperature ……………….…………….........……........ -20 ~ 85℃
capacitor to output for Ripple & Noise measuring @20MHz BW.
Humidity ....................................................... 93% RH max. Non condensing
2. Line regulation is measured from High Line to Low Line with full load.
Cooling ……………………………………………………. Natural Convection
3. Load regulation is measured from Full to 10% load.
Switching Frequency ………………………............................ 90KHz Typical.
4. Connectors: AC input: Molex 5277 or equivalent
MTBF ………….… MIL-HDBK-217F, GB, 25℃/115VAC …… 100K hrs min.
DC output: Molex 5273 or equivalent
Altitude ……………………..………………...………………………….. 3000m
5. DC output pin 1, 2, 3, 4: Vout (-), DC output pin 5, 6, 7, 8: Vout (+)
Dimensions ………….. 5.000x3.000x1.050inches (127.00x76.20x26.67mm)
Weight ………………………………………………………... 270g (0.6Pounds)
SAFETY AND EMC:
Emission and Immunity …….… EN55011 Class B, FCC Part 15 Class B
EN60601-1-2, EN61000-3-2 Class A, B, C, D, EN61000-3-3
Safety ………………..……..IEC60601-1, EN60601-1, UL60601-1
CFM150M Series
All Dimensions are in inches[mm]
Tolerances
: Inches:x.xxx=±0.02
Millimeters
:x.xx=±0.5
4.546[115.48]
0.224[5.70]
5.000[127.00]
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
20%
40%
60%
80%
100%
-20
-10
0
10
20
30
40
50
60
70
Ambient Temperature(
o
C)
20 LFM(Natural C onve cti on)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com