Electronic Components Datasheet Search
  English  ▼

X  

CMA5000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMA5000
Description  Polycom Converged Management Application 5000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMA5000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMA5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMA5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Software Specifications
Network Infrastructure Protocols
• H.323
• SIP device Provisioning and Management
• LDAP/H.350
• XMPP
• HTTPS/XML Provisioning
• TLS – Security
System Capacities and Licensing
• 500 – 5000 seats
The Polycom CMA seat capacity scales from
500 to 5,000 devices depending on the model
selected. The entry-level platform comes
preconfigured with a baseline capacity of
500 CAL (Client Access Licenses). Additional
licensing is offered in the following expansion
license pack sizes: 100/500/1000. When
applied to the system an expansion license
pack augments the device license count.
For example, applying a 100-device expansion
license pack to a baseline system will yield
a total license count of 600 concurrent
licenses. Where applicable, the number of
concurrent calls supported by CMA is derived
from the number of device licenses with 30%
or 60% of total device license depending
on Routed vs. Direct mode. As an example a
system licensed for 5000 devices supports
up to 1500 concurrent calls in Routed Mode
and up to 3000 calls in Direct Mode.
Hardware Specifications
Appliance
• Form Factor: 1U Rack-mountable chassis
• 30.41" (77.24cm) D x 16.69" (42.39cm) W x
1.68" (4.26cm) H with bezel attached
• Weight 35lbs (15.87 Kg), maximum configuration
• AC configuration with standard single or
redundant 750W hot-plug auto-switching
universal 110/220V AC power supplies
• Proc: 2x E5506 quad-core Intel®
Xeon® Processor, 2.13 Ghz with Turbo
Hyperthreading or better
• RAM: 4GB 667mhz or better
• HDD: 2x 72gb 15,000rpm, running in a raid
1 configuration
• Power: 2x Power supplies (Redundant conf.)
• Drives: CD/DVD Reader
• Other: USB 2.0 compatible ports, 4x
10/100/1000 Ethernet cards
• Rack: Rack Mounting Rail options
• Appearance: Polycom Productized Face
plate or bezel
Environmental
• Temperature
- Operating: 10º C to 35º C (50º F to 95º F)
- Storage: -40º C to 65º C (-40º F to 149º F)
• Relative Humidity (non-condensing)
- Operating (twmax=29C): 20% to 80%
- Storage (twmax=38C): 5% to 95%
- Maximum Humidity Gradient: 10% per hour,
operational and non-operational conditions
• Vibration
- Operating: 0.26G at 5Hz to 350Hz for 2 min.
- Storage: 1.54Grms Random Vibration at 10Hz
to 250Hz for 15 minutes
• Shock
- Operating: 1 pulse of 41G for up to 2ms
- Storage: 6 pulses of 71G for up to 2ms
• Altitude
- Operating: -16m to 3,048m (-50—10,000 ft)
- Storage: -16m to 10,600m (-50—35,000 ft)
Regulatory Compliance
• FCC (U.S. only) Class A, ICES (Canada)
Class A, CE Mark (EN 55022 Class A,
EN55024, EN61000-3-2, EN61000-3-3),
VCCI (Japan) Class A, BSMI (Taiwan) Class
A, C-Tick (Australia/New Zealand) Class A,
SABS (South Africa) Class A, CCC (China)
Class A, MIC
(Korea) Class A, UL 60950-1, CAN/CSA
C22.2 No. 60950-1, EN 60950-1, IEC
60950-1
Other Requirements
• OEM/Version Windows Server 2003
(included on server)
• Microsoft SQL Server 2005
(Optional External DB)
• Microsoft Active Directory 2003 (Optional)
• Windows 2000/Windows XP/Windows Vista
• Microsoft Internet Explorer® 6.x or higher
• Adobe® Flash® Player version 9.0 or higher
• Firefox 2.5, 3.0 for Windows or Mac, Safari 3.x
Polycom CMA Desktop – PC Software
Requirements
• Supported Microsoft PC Operating Systems:
Windows XP with SP2 or greater
Windows XP Professional – 32 bit
Windows Vista, Microsoft Windows Vista SP1
Windows Vista Enterprise
Windows Vista Business
• DirectX 9.0b or 10.0 compatible adapter
• Client Supported Languages: English,
French, German, International Spanish,
Simplified Chinese, Korean, Japanese
Technical Documentation
Award-winning documentation for setting up,
maintaining, and using the system available at
www.polycom.com/videodocumentation.
For the latest interoperobility list, go to:
http://www.polycom.com/support/network/
management_scheduling/cma_4000_5000.html
About Polycom
Polycom is the global leader in standards-
based unified communications (UC) solutions
for telepresence, video and voice, powered by
the Polycom® RealPresence™ Platform. The
RealPresence Platform interoperates with the
broadest range of business, mobile and social
applications and devices. More than 400,000
organizations trust Polycom solutions to
collaborate and meet face-to-face from any
location for more productive and effective
engagement with colleagues, partners,
customers and prospects. Polycom, together
with its broad partner ecosystem, provides
customers with the best TCO, scalability,
and security—on-premises, hosted, or cloud
delivered.
Find out what a Polycom CMA solution can do
for your organization. Visit us at HYPERLINK
“http://www.polycom.com” www.polycom.
com, call 1-800-POLYCOM, or contact your
Polycom representative for more information.
Polycom CMA 5000 Specifications
Polycom Worldwide Headquarters
4750 Willow Road, Pleasanton, CA 94588
1.800.POLYCOM or +1.925.924.6000
www.polycom.com
© 2011 Polycom, Inc. All rights reserved. POLYCOM®, the Polycom “Triangles” logo and the names and marks associated with Polycom’s products are trademarks and/or service marks of Polycom, Inc. and are registered
and/or common law marks in the United States and various other countries. All other trademarks are property of their respective owners. No portion hereof may be reproduced or transmitted in any form or by any means,
for any purpose other than the recipient’s personal use, without the express written permission of Polycom. Java is a registered trademark of Oracle and/or its affiliates.
3650_0911



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com