Electronic Components Datasheet Search
  English  ▼

X  

CWSC21JCACS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CWSC21JCACS
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CWSC21JCACS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CWSC21JCACS Datasheet HTML 1Page - List of Unclassifed Manufacturers CWSC21JCACS Datasheet HTML 2Page - List of Unclassifed Manufacturers CWSC21JCACS Datasheet HTML 3Page - List of Unclassifed Manufacturers CWSC21JCACS Datasheet HTML 4Page - List of Unclassifed Manufacturers CWSC21JCACS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series CWSC
LED Miniature Power Rockers
www.nkk.com
B26
B
TYPICAL SWITCH DIMENSIONS
LED Illuminated
Single Pole
Panel Thickness
.030” ~ .079”
(0.75mm ~ 2.0mm)
(12.9)
.508
(19.2)
.756
CWSC11JCACS
1
1a
(12.6)
.496
(1.7) Typ
.067
(4.95) Typ
.195
(2.25) Typ
.089
(12.9)
.508
2
2a
(0.5) Typ
.020
LED Illuminated
Double Pole
Panel Thickness
.030” ~ .079”
(0.75mm ~ 2.0mm)
(12.9)
.508
(19.2)
.756
(21.1)
.831
(15.7)
.618
(10.6)
.417
(15.1)
.594
(18.6)
.732
33°
(5.7)
.224
(12.9)
.508
(2.0)
.079
(7.1)
.280
(17.7)
.697
(3.2) Typ
.126
(4.5)
.177
(1.6) Typ
.063
(0.5)
.020
(5.5)
.217
(2.79) Typ
.110
NKK P/N
This Side
CWSC21JCACS
(21.1)
.831
(15.7)
.618
(10.6)
.417
(15.1)
.594
(18.6)
.732
33°
(5.7)
.224
(12.9)
.508
(2.0)
.079
(7.1)
.280
(17.7)
.697
(3.2) Typ
.126
(4.5)
.177
(1.6) Typ
.063
(0.5)
.020
(5.5)
.217
(2.79) Typ
.110
NKK P/N
This Side
1
1a
(12.6)
.496
(1.7) Typ
.067
(4.95)
.195
(2.25) Typ
.089
(12.9)
.508
2
2a
(0.5) Typ
.020



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com