Electronic Components Datasheet Search
  English  ▼

X  

ATF20V8BQL Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF20V8BQL
Description  High- Performance EE PLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQL Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF20V8BQL Datasheet HTML 1Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 2Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 3Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 4Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 5Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 6Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 7Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 8Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ATF20V8B
4
AC Waveforms(1)
Note:
1.
Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Note:
1. See ordering information for valid part numbers and speed grades.
AC Characteristics(1)
Symbol
Parameter
-7
-10
-15
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
t
PD
Input or Feedback to
Non-Registered Output
8 outputs switching
3
7.5
3
10
3
15
3
25
ns
1 output switching
7
ns
t
CF
Clock to Feedback
3
6
8
10
ns
t
CO
Clock to Output
25272
10
2
12
ns
t
S
Input or Feedback
Setup Time
5
7.5
12
15
ns
t
H
Hold Time
0000
ns
t
P
Clock Period
8
121624
ns
t
W
Clock Width
4
6
8
12
ns
F
MAX
External Feedback 1/(t
S + tCO)
100
68
45
37
MHz
Internal Feedback 1/(t
S + tCF)
125
74
50
40
MHz
No Feedback 1/(t
P)
125
83
62
41
MHz
t
EA
Input to Output
Enable — Product Term
3
9
3
10
3
15
3
20
ns
t
ER
Input to Output
Disable —Product Term
2
9
2
10
2
15
2
20
ns
t
PZX
OE pin to Output Enable
2
6
2
10
2
15
2
20
ns
t
PXZ
OE pin to Output Disable
1.5
6
1.5
10
1.5
15
1.5
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com