Electronic Components Datasheet Search
  English  ▼

X  

ADL5601 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5601
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5601 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5601 Datasheet HTML 5Page - Analog Devices ADL5601 Datasheet HTML 6Page - Analog Devices ADL5601 Datasheet HTML 7Page - Analog Devices ADL5601 Datasheet HTML 8Page - Analog Devices ADL5601 Datasheet HTML 9Page - Analog Devices ADL5601 Datasheet HTML 10Page - Analog Devices ADL5601 Datasheet HTML 11Page - Analog Devices ADL5601 Datasheet HTML 12Page - Analog Devices ADL5601 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADL5601
Rev. A | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
OIP3
P1dB
GAIN
NF
Figure 3. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
FREQUENCY (GHz)
–40°C
+85°C
+25°C
Figure 4. Gain vs. Frequency and Temperature
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
–35
–30
–25
–20
–15
–10
–5
0
S11
S12
S22
Figure 5. Input Return Loss (S11), Output Return Loss (S22), and
Reverse Isolation (S12) vs. Frequency
5
10
15
20
25
30
35
40
45
10
12
14
16
18
20
22
24
26
FREQUENCY (GHz)
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
–40°C
+85°C
+25°C
–40°C
+85°C
+25°C
Figure 6. P1dB and OIP3 vs. Frequency and Temperature
18
20
22
24
26
28
30
32
34
36
38
40
42
44
–10
–8
–6
–4
–2
02468
10
12
14
16
POUT PER TONE (dBm)
900MHz
700MHz
2000MHz
4000MHz
350MHz
140MHz
50MHz
2600MHz
3500MHz
Figure 7. OIP3 vs. Output Power (POUT) and Frequency
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FREQUENCY (GHz)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
+25°C
+85°C
–40°C
Figure 8. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com