Electronic Components Datasheet Search
  English  ▼

X  

T2117 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T2117
Description  Zero-Voltage Switch with Adjustable Ramp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2117 Datasheet(HTML) 4 Page - ATMEL Corporation

  T2117 Datasheet HTML 1Page - ATMEL Corporation T2117 Datasheet HTML 2Page - ATMEL Corporation T2117 Datasheet HTML 3Page - ATMEL Corporation T2117 Datasheet HTML 4Page - ATMEL Corporation T2117 Datasheet HTML 5Page - ATMEL Corporation T2117 Datasheet HTML 6Page - ATMEL Corporation T2117 Datasheet HTML 7Page - ATMEL Corporation T2117 Datasheet HTML 8Page - ATMEL Corporation T2117 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
4768B–INDCO–10/05
T2117
4.
Triac Firing Current (Pulse)
This depends on the triac requirement. It can be limited by the gate series resistance which is
calculated as follows:
where:
V
G
= Gate voltage
I
Gmax = Maximum gate current
I
p
= Average gate current
t
p
= Firing pulse width
T
= Mains period duration
5.
Firing Pulse Width t
p
This depends on the latching current of the triac and its load current. The firing pulse width is
determined by the zero-crossing detection which can be influenced by the synchronous resis-
tance, R
sync, (see Figure 5-2 on page 5).
where
I
L
= Latching current of the triac
V
M
= Mains supply, effective
P
= Load power
The total current consumption is influenced by the firing pulse width which can be calculated as
follows:
R
Gmax
7.5 V
V
Gmax
–
I
Gmax
------------------------------------
36
Ω
–
≈
I
P
I
Gmax
T
--------------
t
p
×
=
t
p
2
ω
--- arc. sin
I
L
V
M
×
P2
-------------------
⎝⎠
⎛⎞
=
R
sync
V
M
2 sin
ω
t
p
2
----
×
⎝⎠
⎛⎞ 0.6 V
–
3.5
10
-5
A
×
------------------------------------------------------------------
49 k
Ω
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com