Electronic Components Datasheet Search
  English  ▼

X  

TPS79201 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS79201
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79201 Datasheet(HTML) 2 Page - Texas Instruments

  TPS79201 Datasheet HTML 1Page - Texas Instruments TPS79201 Datasheet HTML 2Page - Texas Instruments TPS79201 Datasheet HTML 3Page - Texas Instruments TPS79201 Datasheet HTML 4Page - Texas Instruments TPS79201 Datasheet HTML 5Page - Texas Instruments TPS79201 Datasheet HTML 6Page - Texas Instruments TPS79201 Datasheet HTML 7Page - Texas Instruments TPS79201 Datasheet HTML 8Page - Texas Instruments TPS79201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS79201, TPS79225
TPS79228, TPS79230
SLVS337B – MARCH 2001 – REVISED MAY 2002
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
1.2 to 5.5 V
TPS79201DBVT(1)
TPS79201DBVR(2)
PEVI
40
°Cto125°C
2.5 V
SOT23
TPS79225DBVT(1)
TPS79225DBVR(2)
PEXI
–40
°C to 125°C
2.8 V
SOT23
(DBV)
TPS79228DBVT(1)
TPS79228DBVR(2)
PEWI
3 V
TPS79230DBVT(1)
TPS79230DBVR(2)
PEYI
(1) The DBVT indicates tape and reel of 250 parts.
(2) The DBVR indicates tape and reel of 3000 parts.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)(1)
TPS79201,TPS79225
TPS79228,TPS79230
Input voltage range (2)
– 0.3 V to 6 V
Voltage range at EN
–0.3 V to VI + 0.3 V
Voltage on OUT
– 0.3 V to 6 V
Peak output current
Internallylimited
ESD rating, HBM
2 kV
ESD rating, CDM
500 V
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
– 40
°C to 150°C
Operating ambient temperature range, TA
– 40
°C to 85°C
Storage temperature range, Tstg
– 65
°C to 150°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
PACKAGE DISSIPATION RATING
BOARD
PACKAGE
R
θJC
R
θJA
DERATING FACTOR
ABOVE TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
Low K(1)
DBV
63.75
°C/W
256
°C/W
3.906 mW/
°C
391 mW
215 mW
156 mW
High K(2)
DBV
63.75
°C/W
178.3
°C/W
5.609 mW/
°C
561 mW
308 mW
224 mW
(1) TheJEDEC low K (1s) board design used to derive this data was a 3-inch x 3-inch, two layer board with 2 ounce copper traces on top of the board.
(2) The JEDEC high K (2s2p) board design used to derive this data was a 3-inch x 3-inch, multilayer board with 1 ounce internal power and ground
planes and 2 ounce copper traces on top and bottom of the board.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input voltage, VI (1)
2.7
5.5
V
Continuous output current, IO (2)
0
100
mA
Operating junction temperature, TJ
–40
125
°C
(1) To calculate the minimum input voltage for your maximum output current, use the following formula:
VI(min) = VO(max) + VDO (max load)
(2) Continuous output current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that the
device operate under conditions beyond those specified in this table for extended periods of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com