Electronic Components Datasheet Search
  English  ▼

X  

TPS79133DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79133DBVT
Description  ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79133DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS79133DBVT Datasheet HTML 1Page - Texas Instruments TPS79133DBVT Datasheet HTML 2Page - Texas Instruments TPS79133DBVT Datasheet HTML 3Page - Texas Instruments TPS79133DBVT Datasheet HTML 4Page - Texas Instruments TPS79133DBVT Datasheet HTML 5Page - Texas Instruments TPS79133DBVT Datasheet HTML 6Page - Texas Instruments TPS79133DBVT Datasheet HTML 7Page - Texas Instruments TPS79133DBVT Datasheet HTML 8Page - Texas Instruments TPS79133DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS79101, TPS79118
TPS79133,TPS79147
SLVS325C − MARCH 2001 − REVISED MAY 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range, (TJ = −40 to 125 °C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF,
Co(byp)= 0.01 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C, 1.22 V ≤ VO ≤ 5.2 V
VO
TPS79101
0
µA< IO < 100 mA(1),
1.22 V
≤ VO ≤ 5.2 V
0.98 VO
1.02 VO
TPS79118
TJ = 25°C
1.8
Output voltage
TPS79118
0
µA < IO < 100 mA, 2.8 V < VI < 5.5 V
1.764
1.836
V
Output voltage
TPS79133
TJ = 25°C
3.3
V
TPS79133
0
µA < IO < 100 mA, 4.3 V < VI < 5.5 V
3.234
3.366
TPS79147
TJ = 25°C
4.7
TPS79147
0
µA < IO < 100 mA, 5.2 V < VI < 5.5 V
4.606
4.794
Quiescent current (GND current)
0
µA < IO < 100 mA, TJ = 25°C
170
A
Quiescent current (GND current)
0
µA < IO < 100 mA
250
µA
Load regulation
0
µA < IO < 100 mA, TJ = 25°C
5
mV
Output voltage line regulation (
∆VO/VO)(2)
VO + 1 V < VI ≤ 5.5 V, TJ = 25°C
0.05
%/V
Output voltage line regulation (
∆VO/VO)(2)
VO + 1 V < VI ≤ 5.5 V
0.12
%/V
C(byp) = 0.001 µF
32
Output noise voltage (TPS79118)
BW = 100 Hz to 100 kHz,
C(byp) = 0.0047 µF
17
VRMS
Output noise voltage (TPS79118)
BW = 100 Hz to 100 kHz,
IO = 100 mA, TJ = 25°C
C(byp) = 0.01 µF
16
µVRMS
IO = 100 mA, TJ = 25 C
C(byp) = 0.1 µF
15
RL = 33 Ω, Co = 1 F,
C(byp) = 0.001 µF
53
Time, start-up (TPS79133)
RL = 33 Ω, Co = 1 µF,
TJ = 25°C
C(byp) = 0.0047 µF
67
µs
Time, start-up (TPS79133)
TJ = 25°C
C(byp) = 0.01 µF
98
µs
Output current limit
VO = 0 V(1)
285
600
mA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
TJ = 25°C, VCC rising
100
mV
(1) The minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. The maximum IN voltage is 5.5 V. The maximum output current
is 100 mA.
(2) If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 5.5 V:
Line regulation (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 5.5 V:
Line regulation (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com