Electronic Components Datasheet Search
  English  ▼

X  

TPS77025DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77025DBVR
Description  ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77025DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS77025DBVR Datasheet HTML 1Page - Texas Instruments TPS77025DBVR Datasheet HTML 2Page - Texas Instruments TPS77025DBVR Datasheet HTML 3Page - Texas Instruments TPS77025DBVR Datasheet HTML 4Page - Texas Instruments TPS77025DBVR Datasheet HTML 5Page - Texas Instruments TPS77025DBVR Datasheet HTML 6Page - Texas Instruments TPS77025DBVR Datasheet HTML 7Page - Texas Instruments TPS77025DBVR Datasheet HTML 8Page - Texas Instruments TPS77025DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210D – JUNE 1999 – REVISED MAY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
Variable
1.2V to 5.5V
TPS77001DBVT†
TPS77001DBVR‡
PCPI
1.2 V
TPS77012DBVT†
TPS77012DBVR‡
PCQI
1.5 V
TPS77015DBVT†
TPS77015DBVR‡
PCRI
1.8 V
TPS77018DBVT†
TPS77018DBVR‡
PCSI
–40
°C to 125°C
2.5 V
SOT-23
(DBV)
TPS77025DBVT†
TPS77025DBVR‡
PCTI
2.7 V
(DBV)
TPS77027DBVT†
TPS77027DBVR‡
PCUI
2.8 V
TPS77028DBVT†
TPS77028DBVR‡
PCVI
3.0 V
TPS77030DBVT†
TPS77030DBVR‡
PCWI
3.3 V
TPS77033DBVT†
TPS77033DBVR‡
PCXI
5.0 V
TPS77050DBVT†
TPS77050DBVR‡
PCYI
† The DBVT indicates tape and reel of 250 parts.
‡ The DBVR indicates tape and reel of 3000 parts.
functional block diagram
TPS77001
OUT
IN
FB
GND
EN
VREF
TPS77012/15/18/25/27/28/30/33/50
OUT
IN
GND
EN
VREF
Current Limit
/ Thermal
Protection
Current Limit
/ Thermal
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com