Electronic Components Datasheet Search
  English  ▼

X  

TRSF3232CPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # TRSF3232CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3232CPWR Datasheet(HTML) 3 Page - Texas Instruments

  TRSF3232CPWR Datasheet HTML 1Page - Texas Instruments TRSF3232CPWR Datasheet HTML 2Page - Texas Instruments TRSF3232CPWR Datasheet HTML 3Page - Texas Instruments TRSF3232CPWR Datasheet HTML 4Page - Texas Instruments TRSF3232CPWR Datasheet HTML 5Page - Texas Instruments TRSF3232CPWR Datasheet HTML 6Page - Texas Instruments TRSF3232CPWR Datasheet HTML 7Page - Texas Instruments TRSF3232CPWR Datasheet HTML 8Page - Texas Instruments TRSF3232CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
Electrical Characteristics
(1)
TRSF3232
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE
LINE DRIVER/RECEIVER
SLLS858 – AUGUST 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.3
6
V
V+
Positive-output supply voltage range(2)
–0.3
7
V
V–
Negative-output supply voltage range(2)
0.3
–7
V
V+ – V–
Supply voltage difference(2)
13
V
Drivers
–0.3
6
VI
Input voltage range
V
Receivers
–25
25
Drivers
–13.2
13.2
VO
Output voltage range
V
Receivers
–0.3
VCC + 0.3
D package
82
DB package
46
θJA
Package thermal impedance(3)(4)
°C/W
DW package
57
PW package
108
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
See Figure 4
MIN NOM
MAX UNIT
VCC = 3.3 V
3
3.3
3.6
Supply voltage
V
VCC = 5 V
4.5
5
5.5
VCC = 3.3 V
2
VIH
Driver high-level input voltage
DIN
V
VCC = 5 V
2.4
VIL
Driver low-level input voltage
DIN
0.8
V
Driver input voltage
DIN
0
5.5
VI
V
Receiver input voltage
–25
25
TRSF3232C
0
70
TA
Operating free-air temperature
°C
TRSF3232I
–40
85
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
ICC
Supply current
No load, VCC = 3.3 V or 5 V
0.3
1
mA
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com