Electronic Components Datasheet Search
  English  ▼

X  

TPS77027DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77027DBVT
Description  ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77027DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS77027DBVT Datasheet HTML 10Page - Texas Instruments TPS77027DBVT Datasheet HTML 11Page - Texas Instruments TPS77027DBVT Datasheet HTML 12Page - Texas Instruments TPS77027DBVT Datasheet HTML 13Page - Texas Instruments TPS77027DBVT Datasheet HTML 14Page - Texas Instruments TPS77027DBVT Datasheet HTML 15Page - Texas Instruments TPS77027DBVT Datasheet HTML 16Page - Texas Instruments TPS77027DBVT Datasheet HTML 17Page - Texas Instruments TPS77027DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210D – JUNE 1999 – REVISED MAY 2001
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power dissipation and junction temperature
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature
should be restricted to 125
°C under normal operating conditions. This restriction limits the power dissipation
the regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than
or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max
* T
A
RqJA
Where:
TJmax is the maximum allowable junction temperature
RθJA is the thermal resistance junction-to-ambient for the package, see the dissipation rating table.
TA is the ambient temperature.
The regulator dissipation is calculated using:
P
D +
V
I *
V
O
I
O
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation will trigger the
thermal protection circuit.
regulator protection
The TPS770xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might
be appropriate.
The TPS770xx features internal current limiting and thermal protection. During normal operation, the TPS770xx
limits output current to approximately 350 mA. When current limiting engages, the output voltage scales back
linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device failure,
care should be taken not to exceed the power dissipation ratings of the package. If the temperature of the device
exceeds approximately 165
°C, thermal-protection circuitry shuts it down. Once the device has cooled down to
below approximately 140
°C, regulator operation resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com