Electronic Components Datasheet Search
  English  ▼

X  

EP4CE22 Datasheet(PDF) 36 Page - Altera Corporation

Part # EP4CE22
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 36 Page - Altera Corporation

Back Button EP4CE22 Datasheet HTML 32Page - Altera Corporation EP4CE22 Datasheet HTML 33Page - Altera Corporation EP4CE22 Datasheet HTML 34Page - Altera Corporation EP4CE22 Datasheet HTML 35Page - Altera Corporation EP4CE22 Datasheet HTML 36Page - Altera Corporation EP4CE22 Datasheet HTML 37Page - Altera Corporation EP4CE22 Datasheet HTML 38Page - Altera Corporation EP4CE22 Datasheet HTML 39Page - Altera Corporation EP4CE22 Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
1–36
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
December 2013
Altera Corporation
Volume 3
Table 1–44 and Table 1–45 list the IOE programmable delay for Cyclone IV GX
devices.
Table 1–44. IOE Programmable Delay on Column Pins for Cyclone IV GX Devices (1), (2)
Parameter
Paths
Affected
Number
of
Settings
Min
Offset
Max Offset
Unit
Fast Corner
Slow Corner
C6
I7
C6
C7
C8
I7
Input delay from pin to
internal cells
Pad to I/O
dataout to
core
7
0
1.313
1.209
2.184
2.336
2.451
2.387
ns
Input delay from pin to
input register
Pad to I/O
input register
8
0
1.312
1.208
2.200
2.399
2.554
2.446
ns
Delay from output
register to output pin
I/O output
register to
pad
2
0
0.438
0.404
0.751
0.825
0.886
0.839
ns
Input delay from
dual-purpose clock pin
to fan-out destinations
Pad to global
clock
network
12
0
0.713
0.682
1.228
1.41
1.566
1.424
ns
Notes to Table 1–44:
(1) The incremental values for the settings are generally linear. For exact values of each setting, use the latest version of the Quartus II software.
(2) The minimum and maximum offset timing numbers are in reference to setting 0 as available in the Quartus II software.
Table 1–45. IOE Programmable Delay on Row Pins for Cyclone IV GX Devices (1), (2)
Parameter
Paths
Affected
Number
of
Settings
Min
Offset
Max Offset
Unit
Fast Corner
Slow Corner
C6
I7
C6
C7
C8
I7
Input delay from pin to
internal cells
Pad to I/O
dataout to
core
7
0
1.314
1.210
2.209
2.398
2.526
2.443
ns
Input delay from pin to
input register
Pad to I/O
input register
8
0
1.313
1.208
2.205
2.406
2.563
2.450
ns
Delay from output
register to output pin
I/O output
register to
pad
2
0
0.461
0.421
0.789
0.869
0.933
0.884
ns
Input delay from
dual-purpose clock pin
to fan-out destinations
Pad to global
clock network
12
0
0.712
0.682
1.225
1.407
1.562
1.421
ns
Notes to Table 1–45:
(1) The incremental values for the settings are generally linear. For exact values of each setting, use the latest version of Quartus II software.
(2) The minimum and maximum offset timing numbers are in reference to setting 0 as available in the Quartus II software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com