Electronic Components Datasheet Search
  English  ▼

X  

TS68C429AMF Datasheet(PDF) 25 Page - ATMEL Corporation

Part # TS68C429AMF
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMF Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button TS68C429AMF Datasheet HTML 21Page - ATMEL Corporation TS68C429AMF Datasheet HTML 22Page - ATMEL Corporation TS68C429AMF Datasheet HTML 23Page - ATMEL Corporation TS68C429AMF Datasheet HTML 24Page - ATMEL Corporation TS68C429AMF Datasheet HTML 25Page - ATMEL Corporation TS68C429AMF Datasheet HTML 26Page - ATMEL Corporation TS68C429AMF Datasheet HTML 27Page - ATMEL Corporation TS68C429AMF Datasheet HTML 28Page - ATMEL Corporation TS68C429AMF Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
25
TS68C429A
2120A–HIREL–08/02
Microprocessor Interface Unit
(MIU)
This interface which is directly compatible with the Atmel TS68K family is based on an
asynchronous data transfer.
The data exchange is mandatory on 16 bits for access to the FIFO messages (transmit-
ter) and to the message buffer (receiver). For other access it can be on byte on D0-D7
with LDS assertion or an D8-D15 with UDS assertion.
Figure 20 and Figure 21 show the read and write flow chart.
Figure 20. Read Cycle Flow Chart
Table 11. Description of LCU Status Register
Bit
Function
Comments
Bit 15, 13, 11
FIFO channel 3, 2, 1 empty
0: FIFO not empty
1: FIFO empty
Bit 14, 12, 10
End of transmission on channel 3, 2,
1
0: Transmission occurs
1: No transmission actually
Bit 8
RX wrong parity. This feature is
available only if self-test register bit 0
is set to 1. This bit must be reset to 0
by user when needed.
0: No wrong parity received
1: At least one receiver has received a message with wrong
parity (set by hardware).
Bit 7, 6, 5, 4, 3, 2, 1, 0
Receiving channel 8, 7, 6, 5, 4, 3, 2, 1
0: Waiting for message
1: Received correct message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com