Electronic Components Datasheet Search
  English  ▼

X  

BU2092F Datasheet(PDF) 21 Page - Rohm

Part # BU2092F
Description  Serial / Parallel 4-input Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2092F Datasheet(HTML) 21 Page - Rohm

Back Button BU2092F Datasheet HTML 17Page - Rohm BU2092F Datasheet HTML 18Page - Rohm BU2092F Datasheet HTML 19Page - Rohm BU2092F Datasheet HTML 20Page - Rohm BU2092F Datasheet HTML 21Page - Rohm BU2092F Datasheet HTML 22Page - Rohm BU2092F Datasheet HTML 23Page - Rohm BU2092F Datasheet HTML 24Page - Rohm BU2092F Datasheet HTML 25Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
21/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Switching characteristic conditions
○Setup/Hold Time (DATA-CLOCK, STB-CLOCK, CLB-CLOCK)
○Setup/Hold Time (STB-CLB)
Fig. 19 Switching characteristic conditions 1
○Output Delay Time (CLOCK-P1~P24)
○Output Delay Time (STB-P1~P24)
○ Output Delay Time (CLB-P1~P24)
Fig. 20 Switching characteristic conditions 2
CLOCK
90%
10%
tr
50%
90%
10%
tr
50%
50%
50%
tSU1
tHD1
tHD2
tSU2
50%
50%
tHD3
tSU3
DATA
STB
CLB
50%
CLB
tSU4
tHD4
STB
50%
tPD1
CLOCK
P1~P24
50%
STB
P1~P24
tPD2
50%
CLB
50%
tPD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com