Electronic Components Datasheet Search
  English  ▼

X  

U643B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # U643B
Description  Flasher, 30-mohm Shunt
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U643B Datasheet(HTML) 3 Page - ATMEL Corporation

  U643B Datasheet HTML 1Page - ATMEL Corporation U643B Datasheet HTML 2Page - ATMEL Corporation U643B Datasheet HTML 3Page - ATMEL Corporation U643B Datasheet HTML 4Page - ATMEL Corporation U643B Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U643B
Rev. A3, 10-Apr-01
3 (5)
Absolute Maximum Ratings
Reference point Pin 1
Parameters
Symbol
Value
Unit
Supply voltage
Pin 2 and 6
VS
16.5
V
Surge forward current
tP = 0.1 ms
Pin 2 and 6
IFSM
1.5
A
tP = 0.1 ms
Pin 2 and 6
tP = 300 ms Pin 2 and 6
IFSM
IFSM
1.5
1.0
A
A
tP = 300 ms Pin 2 and 6
tP = 300 ms Pin 8
IFSM
IFSM
1.0
50
A
mA
Output current
Pin 3
IO
0.3
A
Power dissipation
Tamb = 95°C
DIP 8
SO 8
Ptot
Ptot
420
340
mW
mW
SO 8
Tamb = 60°C
DIP 8
SO 8
Ptot
Ptot
Ptot
340
690
560
mW
mW
mW
Junction temperature
TJ
150
°C
Ambient temperature range
Tamb
–40 ... + 95
°C
Storage temperature range
Tstg
–55 ... + 150
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP8
SO8
RthJA
RthJA
110
160
K/W
K/W
Electrical Characteristics
Typical values under normal operation in application circuit (see figure 1), VS (+49, Pin 2 and 6) = 12 V.
Reference point ground (–31), Tamb = 25°C, unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
Pin 2 and 6
VS (+49)
9 to 15
V
Supply current:
Pin 2 and 6
Dark phase
I
45
8
mA
Dark phase
Bright phase
IS
IS
4.5
7.0
8
11
mA
mA
Relay output:
saturation voltage
Pin 3
IO = 150 mA, VS= 9 V
saturation voltage
reverse current
IO
150 mA, VS 9 V
with resistance = 60
W
VO
IO
1.0
0.1
V
mA
Start delay
First bright phase
ton
10
ms
Frequency tolerance
df1
–5
+5
%
Bright period
Basic frequency f1
Control frequency f2
∆f1
∆f2
47
37
53
45
%
%
Frequency increase
Lamp outage
f2
2.15 f1
2.3 f1
Hz
Control signal threshold
VS = 15 V
Pin 7
VS = 9 V
Pin 7
VS = 12 V
Pin 7
VR3
VR3
VR3
85
66
76
91
71
81
97
76
87
mV
mV
mV
Leakage resistance
49a to GND
RP
4
5
k
W
Lamp load
PL
1
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com