Electronic Components Datasheet Search
  English  ▼

X  

FK335 Datasheet(PDF) 1 Page - Fox Electronics

Part # FK335
Description  HCMOS 3.3V 32.768kHz SMD Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FK335 Datasheet(HTML) 1 Page - Fox Electronics

  FK335 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HCMOS 3.3V 32.768kHz SMD Oscillator
MODEL: FK335 Series
RoHS & REACH Compliant / Pb Free
Rev. 11/19/2013
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.comEMEA Tel: +44 .1283.568153 | Canada
+1.888.438.2369 | Japan Tel: +81.3.3374.2079 | Singapore Tel: +65.68447989© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
Page 1 of 1
PART NUMBER SELECTION
Part Number
Model Number
Frequency
Stability (PPM)
Operating
Temperature (°C)
861-Frequency-xx
FK335
±50
-20 ~ +70
861A-Frequency-xx
FK335R
±50
-40 ~ +85
861B-Frequency-xx
FK336
±25
-20 ~ +70
861C-Frequency-xx
FK336R
±25
-40 ~ +85
861D-Frequency-xx
FK338
±20
-10 ~ +60
SPECIFICATIONS
Parameter
Max (unless otherwise noted)
Frequency
32.768kHz
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
See Part Number Selection
-55°C ~ +125ºC
Supply Voltage (VDD)
3.3V ±10%
Input Current
(IDD)
130 µA
Output Symmetry (50% VDD)
45% ~ 55%
Rise Time (10% ~ 90% VDD)
(TR)
Fall Time
(90% ~ 10% VDD)
(TF)
50 nS
50 nS
Output Voltage
(VOL)
(VOH)
10%VDD
90%VDD Min.
Output Load
(HCMOS)
15 pF
Standby Current (ISTD)
10 uA
Start-up Time
(TS)
2 mS
Output Disable Time
2
1 uS
Output Enable Time
2
2 mS
Aging (@25°C 1
st Year)
±3 PPM
Maximum Soldering Temp / Time
260°C / 10 Seconds
Moisture Sensitivity Level (MSL)
1
Termination Finish:
Au over Ni
1 Inclusive of 25
C tolerance after reflow, operating temperature range, supply voltage change and aging.
2 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Notes:
*A 0.01μF capacitor should be placed between VDD (Pin 4) and GND (Pin2) to minimize
power supply line noise.
*Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
All specifications subject to change without notice.
ENABLE / DISABLE FUNCTION
Pin1
Out (pin 3)
OPEN
2
Active
‘1’ Level VIH  70%VDD
Active
‘0’ Level VIL  30%VDD
High Z


Similar Part No. - FK335

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
Panasonic Semiconductor
FK330301 PANASONIC-FK330301 Datasheet
582Kb / 5P
Silicon N-channel MOS FET
FK3303010L PANASONIC-FK3303010L Datasheet
282Kb / 7P
Silicon N-channel MOSFET For switching FK350301 in SSSMini3 type package
FK3306010L PANASONIC-FK3306010L Datasheet
368Kb / 6P
For switching FK350601 in SSSMini3 type package
More results

Similar Description - FK335

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F254 FOX-F254 Datasheet
198Kb / 2P
HCMOS 32.768kHz 4x2.5mm SMD Oscillator
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
FK235 FOX-FK235 Datasheet
439Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com