Electronic Components Datasheet Search
  English  ▼

X  

FOX321 Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX321
Description  3.3V 5032 SMD Stratum III HCMOS TCXO/VCTCXOMODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX321 Datasheet(HTML) 1 Page - Fox Electronics

  FOX321 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.3V 5032 SMD Stratum III HCMOS TCXO/VCTCXOMODEL:
FOX321 Series
RoHS Compliant/Pb-Free/REACH Compliant
Rev 11/26/2013
Preliminary Specifications
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.comEMEA Tel: +44 .1283.568153 |
Canada +1.888.438.2369 | Japan Tel: +81.3.3374.2079 | Singapore Tel: +65.68447989© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company |
ISO9001:2008 Certified
1 Inclusive of initial frequency tolerance, operating temperature range, 20 years aging, input voltage change, load change,
shock, and vibration.
2 For proper operation, a control voltage (Vc) must be applied to pin 1 on VCTCXOs.
Note: Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, etc. may vary
Specifications subject to change without notice.
PART NUMBER SELECTION
Part Number
Model
Number
Type
Frequency
Stability vs Temp
Operating
Temperature (°C)
860-Freq.-xxxx
FOX321
TCXO
±0.1 PPM
-20 ~ +70
860A-Freq.-xxxx
FOX321R
TCXO
±0.28 PPM
-40 ~ +85
860B-Freq.-xxxx
FOX321E
VCTCXO
±0.1 PPM
-20 ~ +70
860C-Freq.-xxxx
FOX321ER
VCTCXO
±0.28 PPM
-40 ~ +85
SPECIFICATIONS
Parameters
Max (unless otherwise noted)
Available Frequencies
10.000MHz
12.800MHz
19.200MHz
19.440MHz
20.000MHz
24.576MHz
25.000MHz
26.000MHz
30.720MHz
38.880MHz
40.000MHz
Storage Temperature Range (TSTG)
-55°C ~ +125°C
Frequency Tolerance @25°C
(1 hour after reflow)
±2.0 PPM
Frequency Stability
Overall (including 20 years aging)
1
Vs Supply Voltage
Vs Load (±10%)
±4.6 PPM
±0.2 PPM
±0.2 PPM
Supply Voltage
(VDD)
3.3V±5%
Input Current
(IDD)
6mA
Rise Time (10% ~ 90% VDD) (TR)
5nS
Fall Time (90% ~ 10% VDD) (TF)
5nS
Output Symmetry (50% VDD)
45% ~ 55%
Output Voltage (HCMOS)
Output Low (VOL)
Output High (VOH)
10% VDD
90% VDD Min
Output Load
15pF Nom
Startup Time
2mS
Pullability (VCTCXO)
(Vc = 1.5±1.0V)
2
±5 PPM Min, +-10 PPM Max
Vc Input Impedance
100kohms Min
Phase Noise
@ 100Hz
@ 1kHz
@ 10kHz
-120dBc Typ
-140dBc Typ
-148dBc Typ
Maximum Soldering Temp / Time
260°C / 10 Seconds
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au


Similar Part No. - FOX321

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX321 FOX-FOX321 Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
FOX321E FOX-FOX321E Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
FOX321ER FOX-FOX321ER Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
FOX321R FOX-FOX321R Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
More results

Similar Description - FOX321

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HTF546 GOLLEDGE-HTF546 Datasheet
60Kb / 1P
5V HCMOS TCXO Stratum 3
logo
Fox Electronics
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
T501 CONNOR-WINFIELD-T501 Datasheet
65Kb / 2P
3.3V Surface Mount 5x7mm Stratum 3 HCMOS TCXO T501
logo
QUARTZCOM the communica...
TXO-P9-H-6P-ST3 QUARTZCOM-TXO-P9-H-6P-ST3 Datasheet
114Kb / 1P
STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
TXO-SW-H-5P-ST3 QUARTZCOM-TXO-SW-H-5P-ST3 Datasheet
163Kb / 1P
STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
VTO-P9-H-6P-ST3 QUARTZCOM-VTO-P9-H-6P-ST3 Datasheet
116Kb / 1P
STRATUM-III SMD VC-TCXO HCMOS Output signal HCMOS
logo
Fox Electronics
FOX321ER FOX-FOX321ER Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
FOX331AR FOX-FOX331AR Datasheet
359Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
QUARTZCOM the communica...
TX7-503C-SQ-ST3 QUARTZCOM-TX7-503C-SQ-ST3 Datasheet
100Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
logo
Abracon Corporation
ABDFTCXO ABRACON-ABDFTCXO Datasheet
2Mb / 8P
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com