Electronic Components Datasheet Search
  English  ▼

X  

TS68302VA16 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # TS68302VA16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VA16 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button TS68302VA16 Datasheet HTML 21Page - ATMEL Corporation TS68302VA16 Datasheet HTML 22Page - ATMEL Corporation TS68302VA16 Datasheet HTML 23Page - ATMEL Corporation TS68302VA16 Datasheet HTML 24Page - ATMEL Corporation TS68302VA16 Datasheet HTML 25Page - ATMEL Corporation TS68302VA16 Datasheet HTML 26Page - ATMEL Corporation TS68302VA16 Datasheet HTML 27Page - ATMEL Corporation TS68302VA16 Datasheet HTML 28Page - ATMEL Corporation TS68302VA16 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
25
TS68302
2117A–HIREL–11/02
Notes:
1. For loading capacitance less than or equal to 50 pF, subtract 4 ns from the maximum value given.
2. This specification is valid only when the ADCE or WPVE bits in the SCR are set.
3. See Figure 17.
4. Specs 172-178 do not have diagrams. However, similar diagrams for AS are shown as 25-11-13-14-17-20A and 29.
Figure 17. Internal Master Chip-select Timing Diagram
Notes:
1. The minimum value must be met to guarantee write protection operation.
2. This specification is valid when the DCE or WPVE bits in the SCR are set.
3. Also applies after a timeout of the hardware watchdog.
4. See Figure 18
176
tCSNRWI
CS negated to R/W invalid
(4)
10
ns
177
t
CSARWL
CS asserted to R/W low (write)
(4)
10
ns
178
t
CSNDII
CS negated to data in invalid (hold time on read)
(4)
0ns
Table 13. AC Electrical Specifications - Chip-select Timing Internal Master(3) f = 16.67 MHz (Continued)
Num.
Symbol
Parameter
Min
Max
Unit
CLKO
(OUTPUT)
(OUTPUT)
IACK1,IACK6,
CS0-CS3
IACK7
DTACK
(OUTPUT)
BERR
(OUTPUT)
150
151
152
Sw
Sw
S5
S4
S6
S7
S0
S0
S1
S2
S3
S4
S5
S6
S7
S0
153
156
155
157
158
154
Table 14. AC Electrical Specifications - Chip-select Timing External Master
(4) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
154
t
CLDTKL
Clock low to DTACK low (1-6 wait states)
30
ns
160
tASLCSL
AS low to CS low
30
ns
161
t
ASHCSH
AS high to CS high
30
ns
162
t
AVASL
Address valid to AS Low
15
ns
163
tRWVASL
R/W valid to AS Low
(1)
15
ns
164
t
ASHAI
AS negated to Address hold time
0
ns
165
t
ASLDTKL
AS low to DTACK low (0 wait state)
45
ns
167
tASHDTKH
AS high to DTACK high
30
ns
168
t
ASLBERL
AS low to BERR low
(2)
30
ns
169
t
ASHBERH
AS high to BERR high
(2)(3)
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com