Electronic Components Datasheet Search
  English  ▼

X  

FXA2016B Datasheet(PDF) 1 Page - Fox Electronics

Part # FXA2016B
Description  Ceramic SMD Automotive Grade Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXA2016B Datasheet(HTML) 1 Page - Fox Electronics

  FXA2016B Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
77
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
Rev. 1/29/2014
20.000 ~ 50.000 MHz
FXA2016B
Model Number
Part Number
617B-Frequency-xxxxx
• PART NUMBER
Frequency Range (MHz)
Note: Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, etc. may vary.
The above specifications, having been carefully prepared and checked, are believed to be accurate at the time
of publication; however, no responsibility is assumed by Fox Electronics for inaccuracies.
Rev. 1/29/2014
http://www.foxonline.com/need_a_sample.htm
Model: FXA2016B
Page 1 of 1
Ceramic SMD Automotive Grade Crystal
RoHS Compliant / Pb Free / REACH Compliant
20.000 ~ 23.999999
24.000 ~ 29.999999
30.000 ~ 37.999999
38.000 ~ 50.000
Fundamental
Fundamental
Fundamental
Fundamental
120
100
80
60
Operating Mode
Max ESR Ω
Frequency Range
(MHz)
MAX (unless otherwise noted)
20.000 ~ 50.000 MHz
±50 PPM1
±100 PPM
±50 PPM1
(Customer Specified)
-40ºC ~ +125ºC
-55ºC ~ +150ºC
3pF
7pF~Series
(Customer Specified)
100µW
±5 PPM
260ºC / 10 Seconds
1
Au
Seam Seal
PARAMETERS
Frequency
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
-40 ~ +125ºC
-40 ~ +85ºC
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance (CO)
Load Capacitance (Cl)
Drive Level
Aging per year
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
Seal Method
• STANDARD SPECIFICATIONS
1
Other tolerances and stabilities available. Contact Fox Technical Support for specific requirements.
FEATURES
• AEC-Q200 Qualified
• Fundamental to 50 MHz
• Temperatures to -40ºC ~ +125ºC
• Seam Seal
All dimensions are in millimeters.
2.1 M ax
1.7 M ax
0.5 M ax
0.7
0.5
0.58
0.48
Recommended
Solder Pad Layout
0.95
0.3
0.5
0.85
1
2
3
4
1
4
3
2
1
4
2
3
#2 and #4 connect to GND
Top View
Bottom View


Similar Part No. - FXA2016B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXA2520B FOX-FXA2520B Datasheet
188Kb / 2P
Ceramic SMD Automotive Grade Crystal
logo
AIC tech Inc.
FXA2G102YC075PH AICTECH-FXA2G102YC075PH Datasheet
65Kb / 2P
Useful of 8,000 hours at 85ºC
FXA2G103YF157PH AICTECH-FXA2G103YF157PH Datasheet
65Kb / 2P
Useful of 8,000 hours at 85ºC
FXA2G122YC075PH AICTECH-FXA2G122YC075PH Datasheet
65Kb / 2P
Useful of 8,000 hours at 85ºC
FXA2G123YF196PH AICTECH-FXA2G123YF196PH Datasheet
65Kb / 2P
Useful of 8,000 hours at 85ºC
More results

Similar Description - FXA2016B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXA2520B FOX-FXA2520B Datasheet
188Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA3225B FOX-FXA3225B Datasheet
188Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA5032B FOX-FXA5032B Datasheet
198Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA7050B FOX-FXA7050B Datasheet
204Kb / 2P
Ceramic SMD Automotive Grade Crystal
logo
Abracon Corporation
ABM3AIG ABRACON-ABM3AIG Datasheet
966Kb / 5P
Automotive & Industrial Grade Glass-Sealed Ceramic Base SMD Crystal
06-13-19
ABM3BAIG ABRACON-ABM3BAIG Datasheet
909Kb / 5P
Automotive & Industrial Grade Ceramic Base SMD Crystal
06-14-19
ABM3CAIG ABRACON-ABM3CAIG Datasheet
968Kb / 5P
Automotive & Industrial Grade Glass-Sealed Ceramic Base SMD Crystal
ABM4AAIG ABRACON-ABM4AAIG Datasheet
4Mb / 4P
Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
ABM4BAIG ABRACON-ABM4BAIG Datasheet
6Mb / 4P
Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
ABM12AIG ABRACON-ABM12AIG Datasheet
585Kb / 5P
Automotive & Industrial Grade Miniature Ceramic Base SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com