Electronic Components Datasheet Search
  English  ▼

X  

MAH Datasheet(PDF) 1 Page - MMD Components

Part # MAH
Description  MAH Series 14 Pin DIP Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MAH Datasheet(HTML) 1 Page - MMD Components

  MAH Datasheet HTML 1Page - MMD Components MAH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
In the event of conflict, the requirements of this specification shall govern.
Revision:
04/08/11 G
Revisions only with customer approval
Pg 1 of 2
M
MA
AH
H S
Se
erriie
ess 1
14
4 P
Piin
n D
DIIP
P O
Osscciilllla
atto
orr
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Environmental & Mechanical Detail
Marking Detail
 Industry Standard Package
 RoHS Compliant Available
 HCMOS Output
 Wide Frequency Range
Line 1 = MXXXXX
M
= MMD
XXXXX
= Frequency in MHZ
Line 2 = SYYWWL
S
= Internal Code
YYWW
= 4 Numerical Digit Date
Code (Year / Week)
L
= Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Pin 1 Designator
Frequency Range
5.000kHZ to 200.000MHz
Frequency Stability (Inclusive of Temperature, Load, Voltage and
Aging)
See Part Number Guide
Operating Temperature
See Part Number Guide
Storage Temperature
-55°C to +125°C
Waveform
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Duty Cycle 50% OF Waveform
See Part Number Guide
Load
50pF max
Start Up Time
10mSec max
Rise/Fall Time
Up to 70.000MHZ
6 nSec max
Above 70.000MHZ
4 nSec max
Standby Current Consumption
100µA
Supply Voltage (VDC ±10%) – Supply Current (in mA max)
+5.0
+3.3
+2.5/+1.8
5.000kHz to 1.000MHz
35
10
NA
1.001MHz to 24.000MHz
45
25
NA
24.001MHz to 50.000MHz
55
35
NA
50.001MHz to 70.000MHz
60
35
NA
70.001MHZ to 200.000MHZ
85
40
NA
24.000MHz to 30.000MHz
NA
NA
20
30.001MHz to 80.000MHz
NA
NA
40


Similar Part No. - MAH

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MAH MTRONPTI-MAH Datasheet
268Kb / 1P
8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators
logo
MMD Components
MAH MMD-MAH Datasheet
91Kb / 1P
Industry Standard Package
logo
M-System Co.,Ltd.
MAH MSYSTEM-MAH Datasheet
137Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAH-121 MSYSTEM-MAH-121 Datasheet
137Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAH-123 MSYSTEM-MAH-123 Datasheet
137Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MAH

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1100BA MTRONPTI-K1100BA_07 Datasheet
353Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
K3100G MTRONPTI-K3100G_07 Datasheet
311Kb / 2P
14 pin DIP, 5.0 Volt, Clock Oscillator
logo
Fox Electronics
F5L-4G FOX-F5L-4G Datasheet
89Kb / 1P
14-PIN DIP PECL OSCILLATOR
logo
Connor-Winfield Corpora...
AC73 CONNOR-WINFIELD-AC73 Datasheet
190Kb / 1P
14 PIN DIP ACMOS CLOCK OSCILLATOR
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
5.0V 14 Pin DIP HCMOS Clock Oscillator
HC54R8RG CONNOR-WINFIELD-HC54R8RG Datasheet
168Kb / 2P
5.0V 14 Pin DIP HCMOS Clock Oscillator
VX64-200 CONNOR-WINFIELD-VX64-200 Datasheet
65Kb / 1P
14 PIN DIP VCXO OSCILLATOR
logo
MMD Components
MAC MMD-MAC_12 Datasheet
79Kb / 2P
MAC Series 14 Pin DIP Oscillator
MAC5 MMD-MAC5 Datasheet
79Kb / 2P
14 Pin DIP Oscillator
MAH1 MMD-MAH1 Datasheet
588Kb / 2P
14 Pin DIP Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com