Electronic Components Datasheet Search
  English  ▼

X  

T6000 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # T6000
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6000 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button T6000 Datasheet HTML 19Page - ATMEL Corporation T6000 Datasheet HTML 20Page - ATMEL Corporation T6000 Datasheet HTML 21Page - ATMEL Corporation T6000 Datasheet HTML 22Page - ATMEL Corporation T6000 Datasheet HTML 23Page - ATMEL Corporation T6000 Datasheet HTML 24Page - ATMEL Corporation T6000 Datasheet HTML 25Page - ATMEL Corporation T6000 Datasheet HTML 26Page - ATMEL Corporation T6000 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AT6000(LV) Series
23
Note:
1. Parameter based on characterization and simulation; it is not tested in production.
Device Timing: During Operation
DC Characteristics – 3.3V Operation
Symbol
Parameter
Conditions
Min
Max
Units
V
IH
High-level Input Voltage
Commercial
CMOS
70% V
CC
V
CC
V
TTL
2.0
V
CC
V
V
IL
Low-level Input Voltage
Commercial
CMOS
0
30% VCC
V
TTL
0
0.8
V
V
OH
High-level Output Voltage
Commercial
I
OH = -2 mA, VCC min
2.4
V
IOH = -6 mA, VCC min
2.0
V
V
OL
Low-level Output Voltage
Commercial
I
OL = +2 mA, VCC min
0.4
V
I
OL = +6 mA, VCC min
0.5
V
I
OZH
High-level Tristate
V
O = VCC (max)
10
µA
Output Leakage Current
I
OZL
High-level Tristate
Without Pull-up, V
O = VSS
-10
µA
Output Leakage Current
With Pull-up, VO = VSS
-500
µA
I
IH
High-level Input Current
V
IN = VCC (max)
10
µA
I
IL
Low-level Input Current
Without Pull-up, V
IN = VSS
-10
µA
With Pull-up, VIN = VSS
-500
µA
I
CC
Power Consumption
Without Internal Oscillator (Standby)
200
µA
C
IN
(1)
Input Capacitance
All Pins
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com