Electronic Components Datasheet Search
  English  ▼

X  

ACM1602A Datasheet(PDF) 1 Page - AZ Displays

Part # ACM1602A
Description  ACM1602A SERIES LCD MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602A Datasheet(HTML) 1 Page - AZ Displays

  ACM1602A Datasheet HTML 1Page - AZ Displays ACM1602A Datasheet HTML 2Page - AZ Displays ACM1602A Datasheet HTML 3Page - AZ Displays ACM1602A Datasheet HTML 4Page - AZ Displays ACM1602A Datasheet HTML 5Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AZ DISPLAYS, INC.
Complete LCD Solutions
AZ DISPLAYS, INC.
1
6/5/97
ACM1602A SERIES LCD MODULE
1.0 PHYSICAL DATA
Item
Nominal Dimensions / Available Options
Unit
Number of Characters
16 characters x 2 line
-
Character Format
5 x 7 dots with cursor
-
Overall Module Size (W x H x D)
84.0 x 44.0 x max 14.5 for LED backlight version
84.0 x 44.0 x max 9.5 for reflective or EL backlight version
mm
Dot Size (W x H)
0.55 x 0.65
mm
Dot Pitch (W x H)
0.60 x 0.70
mm
Duty
1/16
-
Controller IC
KS0066
-
LC Fluid Options
STN
-
Polarizer Options
Reflective, Transflective, Transmissive
-
Backlight Options
EL, LED
-
Temperature Range Options
Standard, Wide temp
-
2.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature (Standard)
Top
0
-
50
°C
Storage temperature (Standard)
Tst
-20
-
70
°C
Operating temperature (Wide temp)
Top
-20
-
+70
°C
Storage temperature (Wide temp)
Tst
-30
-
+80
°C
Input voltage
VI
VSS
-
VDD
V
Supply voltage for logic
VDD-VSS
0
5.0
6.5
V
Supply voltage for LCD drive (Standard)
VDD-VO
0
-
6.5
V
Supply voltage for LCD drive (Wide temp)
VDD-VO
0
-
13.5
V
3.0 OPTICAL CHARACTERISTICS (Ta = 25
°C, VDD = 5.0V ± 0.25V, STN LC Fluid)
Item
Symbol
Condition
Min
Typ
Max
Unit
Viewing angle (horizontal)
θ
Cr
≥ 2.0
±30
-
±45
deg
Viewing angle (vertical)
φ
Cr
≥ 2.0
60
-
80
deg
Contrast Ratio
Cr
φ=0°, θ=0°
4.5
-
10
Response time (rise)
Tr
φ=0°, θ=0°
-
120
240
ms
Response time (fall)
Tf
φ=0°, θ=0°
-
155
310
ms


Similar Part No. - ACM1602A

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602B AZDISPLAYS-ACM1602B Datasheet
285Kb / 10P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
ACM1602B ZETTLER-ACM1602B Datasheet
603Kb / 12P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ACM1602BW AZDISPLAYS-ACM1602BW Datasheet
424Kb / 10P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602C AZDISPLAYS-ACM1602C Datasheet
176Kb / 6P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM1602A

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1601B AZDISPLAYS-ACM1601B Datasheet
69Kb / 5P
ACM1601B SERIES LCD MODULE
ACM1601D AZDISPLAYS-ACM1601D Datasheet
74Kb / 5P
ACM1601D SERIES LCD MODULE
ACM1602L AZDISPLAYS-ACM1602L Datasheet
79Kb / 5P
ACM1602L SERIES LCD MODULE
ACM1602M AZDISPLAYS-ACM1602M Datasheet
71Kb / 5P
ACM1602M SERIES LCD MODULE
ACM1602R AZDISPLAYS-ACM1602R Datasheet
101Kb / 5P
ACM1602R SERIES LCD MODULE
ACM1602W AZDISPLAYS-ACM1602W Datasheet
75Kb / 5P
ACM1602W SERIES LCD MODULE
ACM2002C AZDISPLAYS-ACM2002C Datasheet
73Kb / 5P
ACM2002C SERIES LCD MODULE
ACM2402B AZDISPLAYS-ACM2402B Datasheet
73Kb / 5P
ACM2402B SERIES LCD MODULE
ACM4004D AZDISPLAYS-ACM4004D Datasheet
112Kb / 5P
ACM4004D SERIES LCD MODULE
AGM6448V AZDISPLAYS-AGM6448V Datasheet
254Kb / 8P
AGM6448V Series LCD Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com