Electronic Components Datasheet Search
  English  ▼

X  

AT715 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT715
Description  OLED Programmable Rocker Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT715 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AT715 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT715 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT715 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT715 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT715 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT715 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT715 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT715 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.nkksmartswitch.com • Toll Free: 1.877.2BUYNKK • Tel: 480.991.0942 • Fax: 480.998.1435 • Email: smartswitch@nkkswitches.com
OLED SMARTSWITCHTM Rocker
7
State
Transition Transition
Reference or Setting Procedure
1
Power ON
Refer to "Power ON/OFF Sequence"
Refer to "Initialization Setting"
2
Power OFF
Refer to "Power ON/OFF Sequence"
3
Display ON
Refer to
"Display ON/OFF Sequence"
4
Display OFF
5
VAH OFF
Wait until VAH becomes stable
6
VAH ON
7
Power OFF
Refer to "Power ON/OFF Sequence"
8
Initialization
Refer to "Initialization Setting"
9
Display
Change
Image
Rewriting
96 x 64 Image Data Sending
Display
Settings
Dimmer/Screen Saver/Indication
180° Reversal
Command Name
Command
Address
Parameter
(1 or 2Byte) Remarks
Software Reset
01
Dot Matrix Display ON/OFF
02
00
Note 1
Read/Write Operation Wetting
07
00
Note 1
Display Direction Set Command
09
00
Note 1
Reserved 1
10
03
Note 2
Reserved 2
12
63
Note 2
Reserved 3
13
00
Note 2
Dot Matrix Display Standby ON/OFF
14
00
Reserved 4
16
00
Note 2
Reserved 5
17
00
Notes 1 & 2
Reserved 6
18
09
Note 2
Reserved 7
1A
04
Notes 1 & 2
Reserved 8
1C
00
Notes 1 & 2
Graphic Memory Writing Direction
1D
00
Note 1
Setting Column Output Range
30
005F
Note 1
Setting Row Output Range
32
003F
Note 1
X Axis Reading/Writing Start Point
34
00
Note 1
X Axis Reading/Writing End Point
35
0F
Note 1
Y Axis Reading/WritingStart Point
36
00
Note 1
Y Axis Reading/Writing End Point
37
3F
Note 1
Notes: 1. Same as default value
2. Do not change setting value
Command Name
Command
Address
Parameter
(1 or 2Byte) Remarks
X Axis Reading Start Address
38
00
Note 1
Y Axis Reading Start Address
39
00
Note 1
Reserved 9
48
03
Note 2
Screen Saver Event Timer Setting
Command
C3
00
Note 1
Screen Saver Event Timer Setting
Command
C4
00
Note 1
One Time, Repeat or Direction
Setting for Screen Saver
CC
00
Note 1
Start/Stop Setting for Screen Saver
CD
00
Note 1
System Clock Division Ratio Setting
D0
80
Note 2
Setting the STBY Pin
D2
00
Notes 1 & 2
DACA Setting
D4
00
Notes 1 & 2
DACB Setting
D5
00
Notes 1 & 2
DACC Setting
D6
00
Notes 1 & 2
DACD Setting
D7
00
Notes 1 & 2
Reserved 10
D9
00
Notes 1 & 2
Dimmer Setting
DB
0F
Note 1
Reserved 11
DD
88
Note 2
Image Writing
08
Image data
Notes: 1. Same as default value
2. Do not change setting value
State 2
Waiting time to stabilize VAH
voltage: 1ms (Reference)
Display
OFF
State 1 VAH OFF State 3 VAH ON State 1 Display
ON
State 2
2.85V
VDDA
Display
Standby
ON
OFF
15V
VAH
OFF
ON
Minimum 0µs
Minimum 10ms
Minimum 0µs
0V
Minimum 0µs
Display ON/OFF Sequence
INITIALIZITION SETTING
STATE TRANSITION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com