Electronic Components Datasheet Search
  English  ▼

X  

2SA1832 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1832
Description  TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1832 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1832 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1832 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1832 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1832
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1832
Audio Frequency General Purpose Amplifier Applications
High voltage and high current: VCEO = −50 V, IC = −150 mA (max)
• Excellent hFE linearity: hFE (IC = −0.1 mA)/ hFE (IC = −2 mA)
= 0.95 (typ.)
• High hFE: hFE = 70~400
• Complementary to 2SC4738
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−150
mA
Base current
IB
−30
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −50 V, IE = 0
⎯
⎯
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
⎯
⎯
−0.1
μA
DC current gain
hFE
(Note)
VCE = −6 V, IC = −2 mA
70
⎯
400
Collector-emitter saturation voltage
VCE (sat)
IC = −100 mA, IB = −10 mA
⎯
−0.1
−0.3
V
Transition frequency
fT
VCE = −10 V, IC = −1 mA
80
⎯
⎯
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
4
7
pF
Note: hFE classification O (O): 70~140, Y (Y): 120~240, GR (G): 200~400
( ) marking symbol
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2H1A
Weight: 2.4 mg (typ.)


Similar Part No. - 2SA1832

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832 TOSHIBA-2SA1832 Datasheet
150Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1832 TEL-2SA1832 Datasheet
98Kb / 2P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1832 TOSHIBA-2SA1832 Datasheet
384Kb / 3P
Audio Frequency General Purpose Amplifier Applications
01-Nov-2007
logo
Sensitron
2SA1832 SENSITRON-2SA1832 Datasheet
134Kb / 3P
Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1832 KEXIN-2SA1832 Datasheet
37Kb / 1P
Silicon PNP Epitaxial Type Transistor
More results

Similar Description - 2SA1832

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
07-Jun-2001
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN2967 TOSHIBA-RN2967 Datasheet
278Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1015-YTPE2 TOSHIBA-2SA1015-YTPE2 Datasheet
196Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1162-Y TOSHIBA-2SA1162-Y Datasheet
178Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1241-O TOSHIBA-2SA1241-O Datasheet
189Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
24-Aug-2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com