Electronic Components Datasheet Search
  English  ▼

X  

LT1072CT Datasheet(PDF) 1 Page - Linear Technology

Part # LT1072CT
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072CT Datasheet(HTML) 1 Page - Linear Technology

  LT1072CT Datasheet HTML 1Page - Linear Technology LT1072CT Datasheet HTML 2Page - Linear Technology LT1072CT Datasheet HTML 3Page - Linear Technology LT1072CT Datasheet HTML 4Page - Linear Technology LT1072CT Datasheet HTML 5Page - Linear Technology LT1072CT Datasheet HTML 6Page - Linear Technology LT1072CT Datasheet HTML 7Page - Linear Technology LT1072CT Datasheet HTML 8Page - Linear Technology LT1072CT Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1072
1072fc
1.25A High Efficiency
Switching Regulator
■
Available in MiniDiP, TO-220, and TO-3 Packages
■
Wide Input Voltage Range 3V to 60V
■
Low Quiescent Current—6mA
■
Internal 1.25A Switch
■
Very Few External Parts Required
■
Self-Protected Against Overloads
■
Operates in Nearly All Switching Topologies
■
Shutdown Mode Draws Only 50µA Supply Current
■
Flyback-Regulated Mode has Fully Floating Outputs
■
Can be Externally Synchronized
The LT
®1072 is a monolithic high power switching
regulator. It can be operated in all standard switching
configurations including buck, boost, flyback, forward,
inverting and “Cuk”. A high current, high efficiency switch
is included on the die along with all oscillator, control, and
protection circuitry. Integration of all functions allows the
LT1072 to be built in a standard 5-pin TO-3 or TO-220
power package as well as the 8-pin miniDlP. This makes it
extremely easy to use and provides “bust proof” operation
similar to that obtained with 3-pin linear regulators.
The LT1072 operates with supply voltages from 3V to 60V,
and draws only 6mA quiescent current. It can deliver load
power up to 20 watts with no external power devices. By
utilizing current-mode switching techniques, it provides
excellent AC and DC load and line regulation.
The LT1072 has many unique features not found even on
the vastly more difficult to use low power control chips
presently available. It uses an adaptive anti-sat switch
drive to allow very wide ranging load currents with no loss
in efficiency. An externally activated shutdown mode
reduces total supply current to 50µA typical for standby
operation. Totally isolated and regulated outputs can be
generated by using the optional “flyback regulation mode”
built into the LT1072, without the need for optocouplers or
extra transformer windings.
USER NOTE:
This data sheet is only intended to provide specifications, graphs, and a general functional
description of the LT1072. Application circuits are included to show the capability of the LT1072.
A complete design manual (AN-19) should be obtained to assist in developing new designs. This
manual contains a comprehensive discussion of both the LT1070 and the external components used
with it, as well as complete formulas for calculating the values of these components. The manual
can also be used for the LT1072 by factoring in the lower switch current rating.
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
Boost Converter (5V to 12V)
TYPICAL APPLICATIO
10.7k
1.24k
LT1072
GND
VC
VIN
VSW
FB
1k
1µF
–
470µF
12V, 0.25A
*REQUIRED IF INPUT LEADS ≥ 2”
**PULSE ENGINEERING 52626
220µH**
5V
+
–
C3
25µF*
+
–
LT1072 • TA01
+
Maximum Output Power*
LT1072 • TA02
INPUT VOLTAGE (V)
0
*ROUGH GUIDE ONLY. BUCK MODE POUT = 1A x VOUT.
MINIDIP OUTPUT POWER MAY BE LIMITED BY PACKAGE TEMPERATURE
RISE AT HIGH INPUT VOLTAGES OR HIGH DUTY CYCLES
15
20
25
10
5
0
10
20
30
40
50
BUCK-BOOST
VO = 5V
BUCK-BOOST
VO = 30V
FLYBACK
ISOLATED
BOOST
■
Logic Supply 5V at 2.5A
■
5V Logic to ±15V Op Amp Supply
■
Offline Converter up to 50W
■
Battery Upconverter
■
Power lnverter (+ to –) or (– to +)
■
Fully Floating Multiple Outputs
■
Driver for High Current Supplies
APPLICATIO S


Similar Part No. - LT1072CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1072CT LINER-LT1072CT Datasheet
1,017Kb / 11P
1.25A High Efficiency Switching Regulator
LT1072CT LINER-LT1072CT Datasheet
201Kb / 16P
1.25A High Efficiency Switching Regulator
LT1072CT LINER-LT1072CT Datasheet
191Kb / 16P
Available in MiniDiP, TO-220, and TO-3 Packages
More results

Similar Description - LT1072CT

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3972 CHERRY-CS3972 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
logo
Linear Technology
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
1.25A High Efficiency Switching Regulator
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
Linear Technology
LT1072 LINER-LT1072_1 Datasheet
201Kb / 16P
1.25A High Efficiency Switching Regulator
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1072 LINER-LT1072_15 Datasheet
206Kb / 16P
1.25A High Efficiency Switching Regulator
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
ON Semiconductor
CS3972 ONSEMI-CS3972 Datasheet
94Kb / 8P
1.25A High Efficiency Switching Regulator
December, 2001 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com