Electronic Components Datasheet Search
  English  ▼

X  

AD8591 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8591
Description  CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8591 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8591 Datasheet HTML 8Page - Analog Devices AD8591 Datasheet HTML 9Page - Analog Devices AD8591 Datasheet HTML 10Page - Analog Devices AD8591 Datasheet HTML 11Page - Analog Devices AD8591 Datasheet HTML 12Page - Analog Devices AD8591 Datasheet HTML 13Page - Analog Devices AD8591 Datasheet HTML 14Page - Analog Devices AD8591 Datasheet HTML 15Page - Analog Devices AD8591 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8591/AD8592/AD8594
Rev. B | Page 12 of 16
In any application, the absolute maximum junction temperature
must be limited to 150°C. If the junction temperature is exceeded,
the device could suffer premature failure. If the output voltage
and output current are in phase, for example, with a purely resistive
load, the power dissipated by the AD859x can be found as
PDISS
= ILOAD × (VSY − VOUT)
(4)
where:
ILOAD
is the AD859x output load current.
VSY
is the AD859x supply voltage.
VOUT
is the output voltage.
By calculating the power dissipation of the device and using the
thermal resistance value for a given package type, the maximum
allowable ambient temperature for an application can be found
using Equation 3.
CAPACITIVE LOADING
The AD859x exhibits excellent capacitive load driving capabilities
and can drive to 10 nF directly. Although the device is stable
with large capacitive loads, there is a decrease in amplifier
bandwidth as the capacitive load increases. Figure 35 shows
a graph of the AD8592 unity-gain bandwidth under various
capacitive loads.
4.0
3.5
0
0.01
0.1
110
2.0
1.5
1.0
0.5
3.0
2.5
VS = ±2.5V
RL = 1kΩ
TA = 25°C
100
CAPACITIVE LOAD (nF)
Figure 35. Unity-Gain Bandwidth vs. Capacitive Load
When driving heavy capacitive loads directly from the AD859x
output, a snubber network can be used to improve the transient
response. This network consists of a series RC connected from
the output of the amplifier to ground, placing it in parallel with
the capacitive load. The configuration is shown in Figure 36.
Although this network does not increase the bandwidth of the
amplifier, it significantly reduces the amount of overshoot, as
shown in Figure 37.
RS
5Ω
VOUT
AD8592
+5V
VIN
100mV p-p
CS
1µF
CL
47nF
Figure 36. Configuration for Snubber Network to Compensate for Capacitive Loads
47nF LOAD
ONLY
SNUBBER
IN CIRCUIT
50mV
50mV
10µs
Figure 37. Snubber Network Reduces Overshoot and Ringing
Caused by Driving Heavy Capacitive Loads
The optimum values for the snubber network should be
determined empirically based on the size of the capacitive load.
Table 5 shows a few sample snubber network values for a given
load capacitance.
Table 5. Snubber Networks for Large Capacitive Loads
Load Capacitance, CL (nF)
Snubber Network
RS (Ω)
CS (μF)
0.47
300
0.1
4.7
30
1
47
5
1
PC98-COMPLIANT HEADPHONE/SPEAKER
AMPLIFIER
Because of its high output current performance and shutdown
feature, the AD8592 makes an excellent amplifier for driving an
audio output jack in a computer application. Figure 38 shows
how the AD8592 can be interfaced with an AC’97 codec to
drive headphones or speakers.
U1-A
4
C1
100µF
+5V
1
10
2
3
5
+5V
AD1881A*
(AC’97)
R4
20Ω
+5V
R1
100kΩ
7
8
6
9
R5
20Ω
C2
100µF
*ADDITIONAL PINS OMITTED FOR CLARITY.
U1-B
U1 = AD8592
NC
R2
2kΩ
R3
2kΩ
AVDD1
AVDD2
LINE_OUT_R
LINE_OUT_L
AVSS1
25
38
35
36
26
Figure 38. PC98-Compliant Headphone/Line Out Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com